Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

OB2263 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # OB2263
Description  Current Mode PWM Controller
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

OB2263 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button OB2263 Datasheet HTML 3Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 4Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 5Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 6Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 7Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 8Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 9Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 10Page - List of Unclassifed Manufacturers OB2263 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
©On-Bright Electronics
- 7 -
OB_DOC_DS_63B5
OB2263
Current Mode PWM Controller
Frequency Shuffling
CHARACTERIZATION PLOTS
VDD = 16V, RI = 100 Kohm, TA = 25oC condition applies if not otherwise noted.
VDD Startup Current vs. Voltage
0
5
10
15
20
02
46
8
10 12 14 16
VDD(V)
I_VDD_startup vs. Temp
3.0
3.4
3.8
4.2
4.6
5.0
-20
10
40
70
100
130
Temp(C)
VDD UVLO and Ops Current
0
0.4
0.8
1.2
1.6
2
0
5
10
15
20
25
30
VDD (V)
VDD Operation Current vs. Load(pF)
0
1
2
3
4
5
0
500
1000
1500
2000
Gate Load (pF)
50KHz
65KHz
100KHz
UVLO(ON) vs Temp
8.0
8.2
8.4
8.6
8.8
9.0
-20
10
40
70
100
130
Temp(C)
UVLO(OFF) vs Temp
14.0
14.1
14.2
14.3
14.4
14.5
-20
10
40
70
100
130
Temp(C)
Confidential to Micro Bridge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com