Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1025HC20-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # 1025HC20-R
Description  Fast-acting, high current, surface mount ceramic tube fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

1025HC20-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  1025HC20-R Datasheet HTML 1Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 2Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 3Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 4Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 5Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 6Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 7Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 8Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Technical Data 10572
Effective June 2017
Supersedes February 2017
Product description
•
Fast-acting high current fuse
•
Compact design utilizes less board space
•
20 A to 50 A current ratings
•
Ceramic tube, silver plated brass end
cap construction
•
Halogen free and RoHS compliant
Applications
Primary and secondary circuit protection:
•
Server and desktop power supplies
•
Gaming console systems
•
Voltage Regulator Module (VRM)
•
Storage system power
•
Base station power supplies
•
Basic power supplies
•
LED and general lighting
•
Test equipment
Agency information
•
cURus Recognition file number: E19180,
Guide JDYX2/JDYX8
•
PSE: JET 7042-31007-1002 (20 A to 30 A)
Ordering
•
Use ordering number (see page 7 for details)
Packaging suffixes
•
-TR (20 A to 30 A: 1500 parts per 13” diameter
reel, tape width 24 mm)
(40 A to 50 A: 1000 parts per 13” diameter
reel, tape width 24 mm)
1025HC
Fast-acting, high current, surface mount ceramic tube fuses
HALOGEN
HF
FREE


Similar Part No. - 1025HC20-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
1025 ETC2-1025 Datasheet
532Kb / 2P
222 (exploded isometric)
1025 ETC2-1025 Datasheet
321Kb / 2P
Heyco Metal Locknuts NPT Thread?밪traight NPS Threads for use with NPT Threaded Fittings
1025 ETC-1025 Datasheet
103Kb / 1P
Heyco-Flex?줞ounting Brackets
logo
Heyco.
1025 HEYCO-1025 Datasheet
102Kb / 1P
Heyco-Flex™Mounting Brackets
logo
Aptiv
1025 0,35 / 15366022 APTIV-1025 0,35 / 15366022 Datasheet
149Kb / 12P
Crimp Information Sheet
2014-03-04
More results

Similar Description - 1025HC20-R

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
0402SFF100F MACOM-0402SFF100F Datasheet
180Kb / 4P
Raychem Fast Acting Surface-Mount Fuses
logo
Bourns Electronic Solut...
SF-0402F BOURNS-SF-0402F Datasheet
374Kb / 4P
Fast Acting Surface Mount Fuses
SF-0603F050-2 BOURNS-SF-0603F050-2 Datasheet
366Kb / 4P
Fast Acting Surface Mount Fuses
SF-1206F050-2 BOURNS-SF-1206F050-2 Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
logo
List of Unclassifed Man...
AF2-3507 ETC2-AF2-3507 Datasheet
668Kb / 8P
2410 Fast Acting Surface Mount Fuses
F1206FA0500V063T ETC2-F1206FA0500V063T Datasheet
103Kb / 3P
1206 Fast Acting Surface Mount Fuses
F1206HA10V024T ETC2-F1206HA10V024T Datasheet
95Kb / 4P
1206 High Current Rating Fast Acting Surface Mount Fuses
F1206HB10V024T ETC2-F1206HB10V024T Datasheet
73Kb / 3P
1206 High Current Rating Fast Acting Surface Mount Fuses
logo
Bourns Electronic Solut...
SF-1206F BOURNS-SF-1206F Datasheet
375Kb / 4P
Fast Acting Surface Mount Fuses
SF0603F BOURNS-SF0603F Datasheet
633Kb / 4P
Fast Acting Surface Mount Fuses
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com