Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1025HC20-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # 1025HC20-R
Description  Fast-acting, high current, surface mount ceramic tube fuses
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

1025HC20-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  1025HC20-R Datasheet HTML 1Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 2Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 3Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 4Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 5Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 6Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 7Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 8Page - Eaton All Rights Reserved. 1025HC20-R Datasheet HTML 9Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Technical Data
10572
Effective June 2017
1025HC
Fast-acting, high current, surface mount ceramic tube fuses
www.eaton.com/electronics
Electrical characteristics
% of Amp Rating
Opening Time
100
4 hours minimum
200
60 s maximum
Product specifications
Part number4
Current
rating
(A)
Voltage
rating
(V
AC)
Voltage
rating
(V
DC)
Interrupting
rating at rated
voltage
(A
AC)
Interrupting
rating at rated
voltage1
(A
DC)
Typical DC
cold resistance2
(mW )
Typical
melting3
I2t (A2s)
Part marking
cURus
PSE
1025HC20-R
20
250
72
100
500
3.1
25
<PS> E JET
BUSS 20A
x
x
1025HC25-R
25
250
72
100
500
2.6
50
<PS> E JET
BUSS 25A
x
x
1025HC30-R
30
250
72
100
500
1.7
112
<PS> E JET
BUSS 30A
x
x
1025HC40-R
40
250
72
300
500
1.3
400
BUSS 40A
x
1025HC50-R
50
250
60
300
600
1.1
600
BUSS 50A
x
1 DC interrupting rating measured at rated voltage, time constant of less than 1.0 microseconds, battery source
2 Typical DC cold resistance measured at <10% of rated current at an ambient temperature of 20 °C (reference only)
3. Typical melting I²t value is measured at 10In rated current
4. Part number definition: 1025HCxx-R
1025HC= Product code and size
xx= Ampere rating
-R= Rohs compliant
Dimensions (mm)
Rating
A
B
C
20 A to 30 A
10.0 ±0.50
3.15 ±0.15
1.70 ±0.15
40 A to 50 A
12.4 ±0.50
4.50 ±0.15
2.70 ±0.15
Recommended pad layout (mm)
Recommended trace thickness is 3 oz.
Recommended min-trace width is 10 mm (20 A to 30 A) and 15 mm (40 A to 50 A)
20 A to 30 A
40 A to 50 A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com