Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6861C-B1SOCTR Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6861C-B1SOCTR
Description  Single-Channel Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6861C-B1SOCTR Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

Back Button FP6861C-B1SOCTR Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 11Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
FP6861C-1.0-DEC-2015
FP6861C
Electrical Characteristics (Continued)
(VIN=5V, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Thermal Shutdown
Threshold
(Note 3)
TSD
135
°C
ΔTSD
Hysteresis
20
°C
Note 2: There is no resistor for FP6861C-x3xxx series.
Note 3: Guarantee by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com