Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6861C-B1SOCTR Datasheet(PDF) 9 Page - Fitipower Integrated Technology Inc.

Part # FP6861C-B1SOCTR
Description  Single-Channel Power Distribution Switch
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6861C-B1SOCTR Datasheet(HTML) 9 Page - Fitipower Integrated Technology Inc.

Back Button FP6861C-B1SOCTR Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 9Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 10Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 11Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 12Page - Fitipower Integrated Technology Inc. FP6861C-B1SOCTR Datasheet HTML 13Page - Fitipower Integrated Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
FP6861C-1.0-DEC-2015
FP6861C
Typical Performance Curves
VIN= VOUT=5V, CIN=100μF,
OUT=120μF, TA=+25°C, unless otherwise noted.
This is measured by using FP6861C-A2MSCTR.
IOUT=0A
200
μs/div.
IOUT=1.3A (3.8Ω)
200
μs/div.
Figure 5. EN Start-Up
Figure 6. EN Start-Up
IOUT=0A
4ms/div.
IOUT=1.3A (3.8Ω)
200
μs/div.
Figure 7. EN Power Off Test
Figure 8. EN Power Off Test
2ms/div.
2ms/div.
Figure 9. Inrush Short Circuit Response
Figure 10. Short Circuit Response at Start Up
VOUT 2V/div.
VEN
5V/div.
5V/div.
IIN
1A/div.
VOUT 2V/div.
VEN
5V/div.
5V/div.
IIN
1A/div.
VOUT 2V/div.
VEN
5V/div.
5V/div.
IIN
200mA/div.
VOUT 2V/div.
VEN
5V/div.
5V/div.
IIN
1A/div.
VOUT 5V/div.
VEN
5V/div.
5V/div.
IIN
2.5A/div.
VOUT 5V/div.
VEN
5V/div.
5V/div.
IIN
1A/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com