Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6866 Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6866
Description  200mA Current-Limit Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6866 Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6866 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FP6866-1.2-MAR-2012
FP6866
85T
fitipower integrated technology lnc.
Block Diagram
BIAS
UVLO
Oscillator
Charge
Pump
Thermal
Protection
Gate
Control
Forward/Reverse
Current Limit Detector
Output Voltage
Detection
Delay
EN
VIN
VOUT
FLG
GND
Figure 3. Block Diagram of FP6866
Absolute Maximum Ratings
● VIN, VOUT --------------------------------------------------------------------------------------------------------- 6V
● EN ------------------------------------------------------------------------------------------------------------------- -0.3V to 6V
---------------------------------------------------------------------------------------------------------------- 6V
● Power dissipation @T
A=25°C, SOT-23-5 (PD) ------------------------------------------------------------ 0.4W
● Package Thermal Resistance, SOT-23-5 (θ
JA) ----------------------------------------------------------- 250°C/W
● Maximum Junction Temperature (T
J) ------------------------------------------------------------------------ +150°C
● Lead Temperature (Soldering, 10 sec.) --------------------------------------------------------------------- 260°C
● Storage Temperature Range ---------------------------------------------------------------------------------- -65°C to +150°C
Note 1:Stresses beyond those listed under
“Absolute Maximum Ratings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage (V
IN) --------------------------------------------------------------------------------------------- +2.3V to +5.5V
● Operation Temperature Range (T
OPR) ----------------------------------------------------------------------- -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com