Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6866 Datasheet(PDF) 6 Page - Fitipower Integrated Technology Inc.

Part # FP6866
Description  200mA Current-Limit Switches
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6866 Datasheet(HTML) 6 Page - Fitipower Integrated Technology Inc.

  FP6866 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6866 Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
FP6866-1.2-MAR-2012
FP6866
85T
fitipower integrated technology lnc.
Typical Performance Curves
Figure 5. Flag-Blanking Response
Figure 6. Switch Turn-On Time Response
-40
-20
0
20
40
60
80
100
0
100
200
300
400
500
Temperature (DEG_C)
Iout
Figure 7. Current Limit Response
Figure 8. Current limit V.S. Temperature
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
Vin(V)
IQ
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
10
20
30
40
50
60
70
80
Vin(V)
ILatch
Figure 9. Supply current V.S. Input Voltage
Figure 10. Latch-off current V.S. Input Voltage
VEN
VIN=3.3V
CIN=10µF
COUT=10µF
VFLAG
IOUT
VEN
VOUT
VIN=3.3V
CIN=10µF
COUT=10µF
VIN
VEN
IOUT
VIN=3.3V
CIN=10µF
COUT=10µF
VIN=VEN=3.3V
CIN=10µF
COUT=10µF
VIN=VEN=3.3V
CIN=10µF
COUT=10µF
VIN=VEN=3.3V
CIN=10µF
COUT=10µF



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com