Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS2-0-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CMS2-0-R
Description  Common mode inductors, surface mount
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CMS2-0-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CMS2-0-R Datasheet HTML 1Page - Eaton All Rights Reserved. CMS2-0-R Datasheet HTML 2Page - Eaton All Rights Reserved. CMS2-0-R Datasheet HTML 3Page - Eaton All Rights Reserved. CMS2-0-R Datasheet HTML 4Page - Eaton All Rights Reserved. CMS2-0-R Datasheet HTML 5Page - Eaton All Rights Reserved. CMS2-0-R Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data 4313
Effective October 2015
Supersedes March 2007
Product description
•
Three sizes of surface mount torroidal common-
mode inductors that provide 300Vdc isolation
•
Inductance range from 5.5uH to 1600uH
•
Current range up to 7.0 Amps
•
Noise attenuation up to 44 dB
•
Frequency range up to 100 MHz
•
Meets UL94V-0 flammability standard
•
Ferrite core material
Applications
•
EMI filters
•
DC-DC brick power supplies
•
Discrete output supplies
•
Discrete and point-of-use power supplies (PUPS)
Environmental data
•
Storage temperature range: -40°C to +160°C
•
Operating ambient temperature range: -40°C to
+160°C (range is application specific)
•
Solder reflow temperature: J-STD-020D compliant
CMS
Common mode inductors, surface mount
Pb


Similar Part No. - CMS2-0-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CMS2-1-R COOPER-CMS2-1-R Datasheet
249Kb / 4P
160C maximum total temperature Three sizes of surface mount torroidal common
CMS2-1-R COOPER-CMS2-1-R Datasheet
249Kb / 4P
CMS-SERIES Common Mode Inductors
CMS2-10-R COOPER-CMS2-10-R Datasheet
249Kb / 4P
160C maximum total temperature Three sizes of surface mount torroidal common
CMS2-10-R COOPER-CMS2-10-R Datasheet
249Kb / 4P
CMS-SERIES Common Mode Inductors
CMS2-11-R COOPER-CMS2-11-R Datasheet
249Kb / 4P
160C maximum total temperature Three sizes of surface mount torroidal common
More results

Similar Description - CMS2-0-R

ManufacturerPart #DatasheetDescription
logo
API Delevan
CM6350 API-CM6350 Datasheet
46Kb / 1P
Surface Mount Common Mode Choke
logo
Bi technologies
HM67 BITECH-HM67 Datasheet
1Mb / 5P
Surface Mount Common Mode Chokes
logo
Rhombus Industries Inc.
F-215 RHOMBUS-IND-F-215 Datasheet
25Kb / 1P
Surface Mount Common Mode Choke
8/16/96
F-1921HV RHOMBUS-IND-F-1921HV Datasheet
21Kb / 1P
Surface Mount Common Mode Choke
1/17/2001
L-472 RHOMBUS-IND-L-472 Datasheet
24Kb / 1P
Surface Mount Common Mode Choke
9/22/99
logo
Bothhand USA, LP.
BCM-7540 BOTHHAND-BCM-7540 Datasheet
158Kb / 1P
SURFACE MOUNT COMMON MODE CHOKE
BCM-5853 BOTHHAND-BCM-5853 Datasheet
98Kb / 1P
SURFACE MOUNT COMMON MODE CHOKE
logo
Pulse A Technitrol Comp...
T8005 PULSE-T8005 Datasheet
73Kb / 2P
SURFACE MOUNT COMMON MODE CHOKES
logo
Vishay Siliconix
ICM-0805 VISHAY-ICM-0805_V01 Datasheet
130Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
ICM-1206 VISHAY-ICM-1206_V01 Datasheet
125Kb / 3P
Surface Mount Common Mode Choke
08-Nov-2018
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com