Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22284-A-R2 Datasheet(PDF) 6 Page - Analog Devices

Part # AD22284-A-R2
Description  Dual-Axis, High-g, MEMS Accelerometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22284-A-R2 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD22284-A-R2 Datasheet HTML 2Page - Analog Devices AD22284-A-R2 Datasheet HTML 3Page - Analog Devices AD22284-A-R2 Datasheet HTML 4Page - Analog Devices AD22284-A-R2 Datasheet HTML 5Page - Analog Devices AD22284-A-R2 Datasheet HTML 6Page - Analog Devices AD22284-A-R2 Datasheet HTML 7Page - Analog Devices AD22284-A-R2 Datasheet HTML 8Page - Analog Devices AD22284-A-R2 Datasheet HTML 9Page - Analog Devices AD22284-A-R2 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADXL278
Rev. A | Page 6 of 12
tP
tL
t25°C TO PEAK
tS
PREHEAT
CRITICAL ZONE
TL TO TP
TIME
RAMP-DOWN
RAMP-UP
TSMIN
TSMAX
TP
TL
Figure 3. Recommended Soldering Profile
Table 4. Recommended Soldering Profile
Profile Feature
Sn63/Pb37
Pb-Free
AVERAGE RAMP RATE (TL TO TP)
3°C/s max
3°C/s max
PREHEAT
Minimum Temperature (TSMIN)
100°C
150°C
Maximum Temperature (TSMAX)
150°C
200°C
TIME (TSMIN TO TSMAX), tS
60 s − 120 s
60 s − 150 s
TSMAX TO TL
Ramp-Up Rate
3°C/s
3°C/s
TIME MAINTAINED ABOVE LIQUIDOUS (TL)
Liquidous Temperature (TL)
183°C
217°C
Time (tL)
60 s − 150 s
60 s − 150 s
PEAK TEMPERATURE (TP)
240°C + 0°C/−5°C
260°C + 0°C/−5°C
TIME WITHIN 5°C OF ACTUAL PEAK TEMPERATURE (tP)
10 s − 30 s
20 s − 40 s
RAMP-DOWN RATE
6°C/s max
6°C/s max
TIME 25°C TO PEAK TEMPERATURE
6 min max
8 min max
EARTH'S SURFACE
XXXXX
XXXX
22285
PIN 8
YOUT = 2.500V
XOUT = 2.462V
YOUT = 2.462V
XOUT = 2.500V
YOUT = 2.538V
XOUT = 2.500V
YOUT = 2.500V
XOUT = 2.538V
YOUT = 2.500V
XOUT = 2.500V
Figure 4. Output Response vs. Orientation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com