Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22284-A-R2 Datasheet(PDF) 9 Page - Analog Devices

Part # AD22284-A-R2
Description  Dual-Axis, High-g, MEMS Accelerometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22284-A-R2 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD22284-A-R2 Datasheet HTML 4Page - Analog Devices AD22284-A-R2 Datasheet HTML 5Page - Analog Devices AD22284-A-R2 Datasheet HTML 6Page - Analog Devices AD22284-A-R2 Datasheet HTML 7Page - Analog Devices AD22284-A-R2 Datasheet HTML 8Page - Analog Devices AD22284-A-R2 Datasheet HTML 9Page - Analog Devices AD22284-A-R2 Datasheet HTML 10Page - Analog Devices AD22284-A-R2 Datasheet HTML 11Page - Analog Devices AD22284-A-R2 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADXL278
Rev. A | Page 9 of 12
OUTLINE DIMENSIONS
BOTTOM VIEW
1
3
5
7
0.64
1.90
2.50
2.50
0.38 DIAMETER
0.50 DIAMETER
1.27
1.27
1.27
4.50
SQ
5.00
SQ
TOP VIEW
R 0.38
0.20
1.78
R 0.20
Figure 6. 8-Terminal Ceramic Leadless Chip Carrier [LCC]
(E-8)
Dimensions shown in millimeters
AXL278 ORDERING GUIDE
Model1
Parts
per Reel
Measurement
Range
Specified
Voltage (V)
Temperature
Range
Package Description
Package
Option
AD22284-A-R2
250
±35 g/±35 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22284-A
3000
±35 g/±35 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22285-R2
250
±50 g/±50 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22285
3000
±50 g/±50 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22286-R2
250
±70 g/±35 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
AD22286
3000
±70 g/±35 g
5
−40°C to +105°C
8-Lead Ceramic Leadless Chip Carrier
E-8
1 All models are on tape and reel and are Pb-free parts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com