Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22285-R2 Datasheet(PDF) 5 Page - Analog Devices

Part # AD22285-R2
Description  Dual-Axis, High-g, MEMS Accelerometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22285-R2 Datasheet(HTML) 5 Page - Analog Devices

  AD22285-R2 Datasheet HTML 1Page - Analog Devices AD22285-R2 Datasheet HTML 2Page - Analog Devices AD22285-R2 Datasheet HTML 3Page - Analog Devices AD22285-R2 Datasheet HTML 4Page - Analog Devices AD22285-R2 Datasheet HTML 5Page - Analog Devices AD22285-R2 Datasheet HTML 6Page - Analog Devices AD22285-R2 Datasheet HTML 7Page - Analog Devices AD22285-R2 Datasheet HTML 8Page - Analog Devices AD22285-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ADXL278
Rev. A | Page 5 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
NC = NO CONNECT
VDD3 1
YOUT 2
COM
3
VDD
7
XOUT
6
NC
5
ST
TOP VIEW
(Not to Scale)
ADXL278
4
VDD2
8
Figure 2. Pin Configuration
Table 3. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VDD3
3.5 V to 6 V
2
YOUT
Y Channel Output
3
COM
Common
4
ST
Self-Test
5
NC
Do Not Connect
6
XOUT
X Channel Output
7
VDD
3.5 V to 6 V
8
VDD2
3.5 V to 6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com