Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD22285-R2 Datasheet(PDF) 1 Page - Analog Devices

Part # AD22285-R2
Description  Dual-Axis, High-g, MEMS Accelerometers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD22285-R2 Datasheet(HTML) 1 Page - Analog Devices

  AD22285-R2 Datasheet HTML 1Page - Analog Devices AD22285-R2 Datasheet HTML 2Page - Analog Devices AD22285-R2 Datasheet HTML 3Page - Analog Devices AD22285-R2 Datasheet HTML 4Page - Analog Devices AD22285-R2 Datasheet HTML 5Page - Analog Devices AD22285-R2 Datasheet HTML 6Page - Analog Devices AD22285-R2 Datasheet HTML 7Page - Analog Devices AD22285-R2 Datasheet HTML 8Page - Analog Devices AD22285-R2 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Dual-Axis, High-g,
iMEMS® Accelerometers
ADXL278
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2005 Analog Devices, Inc. All rights reserved.
FEATURES
Complete dual-axis acceleration measurement system on
a single monolithic IC
Available in ±35 g/±35 g, ±50 g/±50 g, or ±70 g/±35 g
output full-scale ranges
Full differential sensor and circuitry for high resistance
to EMI/RFI
Environmentally robust packaging
Complete mechanical and electrical self-test on
digital command
Output ratiometric to supply
Sensitive axes in the plane of the chip
High linearity (0.2% of full scale)
Frequency response down to dc
Low noise
Low power consumption
Tight sensitivity tolerance and 0 g offset capability
Largest available prefilter clipping headroom
400 Hz, 2-pole Bessel filter
Single-supply operation
Compatible with Sn/Pb and Pb-free solder processes
APPLICATIONS
Vibration monitoring and control
Vehicle collision sensing
Shock detection
GENERAL DESCRIPTION
The ADXL278 is a low power, complete, dual-axis
accelerometer with signal conditioned voltage outputs that are
on a single monolithic IC. This product measures acceleration
with a full-scale range of (X-axis/Y-axis) ±35 g/±35 g, ±50 g/
±50 g, or ±70 g/±35 g (minimum). The ADXL278 can also
measure both dynamic acceleration (vibration) and static
acceleration (gravity).
The ADXL278 is the fourth-generation surface micromachined
iMEMS® accelerometer from ADI with enhanced performance
and lower cost. Designed for use in front and side impact airbag
applications, this product also provides a complete cost-
effective solution useful for a wide variety of other applications.
The ADXL278 is temperature stable and accurate over the
automotive temperature range, with a self-test feature that fully
exercises all the mechanical and electrical elements of the sensor
with a digital signal applied to a single pin.
The ADXL278 is available in a 5 mm × 5 mm × 2 mm,
8-terminal ceramic LCC package.
FUNCTIONAL BLOCK DIAGRAM
ADXL278
VDD
VS
VDD2
VDD3
DIFFERENTIAL
SENSOR
EXC
DEMOD
AMP
YOUT
400Hz
BESSEL
FILTER
TIMING
GENERATOR
DIFFERENTIAL
SENSOR
EXC
DEMOD
AMP
XOUT
400Hz
BESSEL
FILTER
SELF-TEST
Figure 1.


Similar Part No. - AD22285-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD22280 AD-AD22280 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
AD22280 AD-AD22280 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22280-R2 AD-AD22280-R2 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
AD22280-R2 AD-AD22280-R2 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS ccelerometers
REV. B
AD22281 AD-AD22281 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
More results

Similar Description - AD22285-R2

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL202 AD-ADXL202 Datasheet
124Kb / 11P
Low Cost -2 g/-10 g Dual Axis iMEMS Accelerometers with Digital Output
REV.B
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL193 AD-ADXL193 Datasheet
180Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
5/05-Rev. 0 to Rev. A
ADXL204 AD-ADXL204 Datasheet
569Kb / 12P
Precisionc -1.7 g Single-/Dual-Axis i MEMS Accelerometer
REV. A
ADXL78 AD-ADXL78_15 Datasheet
171Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
Rev. B
ADXL193 AD-ADXL193_15 Datasheet
154Kb / 12P
Single-Axis, High-g, iMEMS Accelerometers
REV. B
ADXL278 AD-ADXL278_15 Datasheet
169Kb / 12P
Dual-Axis, High-g, iMEMS Accelerometers
REV. B
logo
Willow Technologies Ltd
CXL10GP3 WILLOW-CXL10GP3 Datasheet
435Kb / 2P
High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP1 WILLOW-CXL25GP1 Datasheet
435Kb / 2P
High Performance, 1-Axis and 3-Axis Accelerometers
logo
Analog Devices
ADXL356 AD-ADXL356 Datasheet
1Mb / 42P
Low Noise, Low Drift, Low Power, 3-Axis MEMS Accelerometers
6/2020-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com