Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40BA40 Datasheet(PDF) 1 Page - SanRex Corporation

Part # DF40BA40
Description  Power Diode Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF40BA40 Datasheet(HTML) 1 Page - SanRex Corporation

  DF40BA40 Datasheet HTML 1Page - SanRex Corporation DF40BA40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
125
DF40BA40/80
DIODE(THREE PHASES BRIDGE TYPE)
80
21.5
10.0
1.1
11
67.0
60.0
+
−
11
1.1
21.5
5-M5
Unit
:a
■Maximum Ratings
(Tj=25℃ unless otherwise specified)
Symbol
Item
Ratings
DF40BA40
400
480
DF40BA80
800
960
Unit
VRRM
VRSM
Repetitive Peak Reverse Voltage
Non-Repetitive Peak Reverse Voltage
V
V
Symbol
Item
Output current
(D.C.)
Conditions
Ratings
Unit
A
ID
Three phase. full wave. TC
=119℃
40
IFSM
Surge Forward Current
1 cycle, 50/60HZ, peak value, non-repetitive
640/700
A
Tj
Junction Temperature
−40 to +150
℃
Tstg
Storage Temperature
−40 to +125
℃
VISO
Isolation Breakdown Voltage
(R.M.S.)
Main Terminal to case 1minute
2500
V
Mounting
Torque
Mounting
(M6)
Terminal
(M5)
Mass
Recommended Value 2.5
-3.9(25-40)
Recommended Value 1.5
-2.5(15-25)
4.7
(48)
2.7
(28)
N
・m
(㎏f・B)
g
Typical Value
200
■Electrical Characteristics
Symbol
IRRM
Item
Repetitive Peak Reverse Current, max.
Conditions
Tj
=150℃ at VRRM
Ratings
4.0
1.2
0.32
Unit
mA
VFM
Forward Voltage Drop, max.
IFM
=40A, Tj=25℃ Inst. measurement
V
Rth
(j-c) Thermal Impedance, max.
Junction to case
℃/W
2∼
1∼
3∼
+4
−5
Power Diode Module DF40BA is designed for three phase full wave rectification, which
has six diodes connected in a three phase bridge configuration. The mounting base of the
module is electrically isolated from semiconductor elements for simple heatsink
construction output DC current is 40Amp (Tc=119
℃) Repetitive peak reverse voltage is
up to 800V.
●
TjMax=150
℃
●
Isolated Mounting Base
●
High reliability by unique glass passivation
(Applications)
AC. DC Motor Drive/AVR/Switching
―for three phase rectification
UL;E76102
(M)


Similar Part No. - DF40BA40

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF40B-100DS-0.4V HIROSE-DF40B-100DS-0.4V Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Mar.1.2024
DF40B-100DS-0.4V51 HIROSE-DF40B-100DS-0.4V51 Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Mar.1.2024
DF40B-100DS-0.4V58 HIROSE-DF40B-100DS-0.4V58 Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Mar.1.2024
DF40B-10DS-0.4V HIROSE-DF40B-10DS-0.4V Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Mar.1.2024
DF40B-10DS-0.4V HIROSE-DF40B-10DS-0.4V Datasheet
1Mb / 25P
0.4mm Pitch, 1.5 to 4.0mm Height, Board-to-Board/FPC-to-Board Connector
Feb. 2024
More results

Similar Description - DF40BA40

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
2RI150E FUJI-2RI150E Datasheet
105Kb / 4P
POWER DIODE MODULE
2RI250E FUJI-2RI250E Datasheet
106Kb / 4P
POWER DIODE MODULE
2RI60E-060 FUJI-2RI60E-060 Datasheet
137Kb / 4P
POWER DIODE MODULE
6RI100E-060 FUJI-6RI100E-060 Datasheet
125Kb / 4P
POWER DIODE MODULE
6RI100G-120 FUJI-6RI100G-120 Datasheet
128Kb / 4P
POWER DIODE MODULE
6RI30E-060 FUJI-6RI30E-060 Datasheet
120Kb / 4P
POWER DIODE MODULE
logo
List of Unclassifed Man...
2RI250E ETC2-2RI250E Datasheet
97Kb / 2P
POWER DIODE MODULE
logo
Fuji Electric
6RI100G FUJI-6RI100G Datasheet
120Kb / 2P
POWER DIODE MODULE
2RI60E FUJI-2RI60E Datasheet
132Kb / 2P
POWER DIODE MODULE
logo
eupec GmbH
BYM300A170DN2 EUPEC-BYM300A170DN2 Datasheet
309Kb / 5P
Diode Power Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com