Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DF40BA40 Datasheet(PDF) 2 Page - SanRex Corporation

Part # DF40BA40
Description  Power Diode Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANREX [SanRex Corporation]
Direct Link  http://www.sanrex.com
Logo SANREX - SanRex Corporation

DF40BA40 Datasheet(HTML) 2 Page - SanRex Corporation

  DF40BA40 Datasheet HTML 1Page - SanRex Corporation DF40BA40 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
126
DF40BA40/80
Forward Voltage Drop max.
Forward Voltage Drop VF(V)
50
5
20
2
0.
5
1
1.
5
2
100
200
10
1
Tj=25℃
Output Current vs.Power Dissipation,
max.(Three phase, full wave)
Output Current ID(A)
20
40
60
100
120
80
0
10
20
40
30
Output Current ID(A)
Output Current vs. Allowable case Temp
150
0
30
40
50
10
20
120
130
140
0
90
100
110
Three Phase
Cycle Surge Forward Current Rating
(Non-Repetitive)
Time(Cycles)
200
400
600
800
1000
0
100
10
20
50
1
2
5
60Hz
50Hz
Per one element
Tj=25℃ start
0.
1
0.
2
0.
3
0.
4
0
Transient Thermal Impedance(max)
Time
t(sec)
2
5
2
5
5
2
10
-1
10
0
10
1
Junction to Case



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com