Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S500-1-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # S500-1-R
Description  5 mm x 20 mm Fast-acting glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S500-1-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  S500-1-R Datasheet HTML 1Page - Eaton All Rights Reserved. S500-1-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2052
Effective June 2017
Supersedes February 2009
Product features
• Specify product code
• Insert packaging code prefix before part number. E.g.
BK/S500-32-R
• Ratings above 6.3A have a 0.8mm diameter lead
• With TR2 packaging code, lead wire length is 19.05 mm
• Specify option code if desired
• For axial leads, insert “V” between catalog series and
amp rating. E.g. S500-V-100-R
Ordering information
•
cURus: File E19180, Guide JDYX2, JDYX8
•
CSA Component Acceptance: File
1803366
•
SEMKO Approval: File 414552
•
VDE Approval: File 40014109
•
BSI Approval: File KM55676
•
IMQ Approval: File CA03.00097
•
CCC Approval: File 2005010207155694
•
Fast-acting, low breaking capacity
•
Optional axial leads available
•
5 mm x 20 mm physical size
•
Glass tube with silver-plated (32-125 mA) and nickel-
plated (160 mA-10 A) endcaps
•
Designed to IEC 60127-2 (160 mA-10 A)
Specifications
Voltage Interrupting Rating
(amps) at Rated
Voltage (50Hz) Vac
Typical DC
Typical
Maximum
Part Number Rating
Cold Resistance
Melting I 2t
Voltage
Agency Approvals
Vac
AC†
Drop (mV)‡ cURus CSA CCC BSI VDE SEMKO IMQ
S500-32-R
250
35
40
0.000047
3200
S500-40-R
250
35
25
0.00011
2500
S500-50-R
250
35
17
0.00020
2400
S500-63-R
250
35
125
0.00057
2000
S500-80-R
250
35
5.0
0.0012
1200
S500-100-R
250
35
3.8
0.003
1100
S500-125-R
250
35
2.8
0.005
1000
S500-160-R
250
35
9.1
0.008
2000
X
X
X
X
X
X
X
S500-200-R
250
35
6.8
0.016
1700
X
X
X
X
X
X
X
S500-250-R
250
35
4.3
0.28
1400
X
X
X
X
X
X
X
S500-315-R
250
35
3.1
0.58
1300
X
X
X
X
X
X
X
S500-400-R
250
35
2.0
0.18
1100
X
X
X
X
X
X
X
S500-500-R
250
35
0.26
0.18
220
X
X
X
X
X
X
X
S500-630-R
250
35
0.20
0.35
220
X
X
X
X
X
X
X
S500-800-R
250
35
0.14
0.67
190
X
X
X
X
X
X
X
S500-1-R
250
35
0.125
0.60
200
X
X
X
X
X
X
X
S500-1.25-R
250
35
0.096
0.84
200
X
X
X
X
X
X
X
S500-1.6-R
250
35
0.066
1.6
190
X
X
X
X
X
X
X
S500-2-R
250
35
0.043
4.2
150
X
X
X
X
X
X
X
S500-2.5-R
250
35
0.034
6.1
150
X
X
X
X
X
X
X
S500-3.15-R
250
35
0.025
13
130
X
X
X
X
X
X
X
S500-4-R
250
40
0.021
22
130
X
X
X
X
X
X
X
S500-5-R
250
50
0.014
42
120
X
X
X
X
X
X
X
S500-6.3-R
250
63
0.010
69
120
X
X
X
X
X
X
X
S500-8-R
250
80
0.010
N/A
120
X
X
X
X
X
S500-10-R
250
100
0.008
N/A
120
X
X
X
X
X
* DC Cold Resistance (Measured at <10% of rated current)
† Typical Melting I 2t (I2t was measured at listed interrupting rating and rated voltage)
‡ Maximum Voltage Drop (Voltage drop was measured at 20°C ambient temperature at rated current)
(Ω)*
Electrical Characteristics
1.5 In 2.1 In
2.75 In
4 In
10 In
In
min
max
min
max
min
max
max
32mA-125mA 60 min 30 min
–
–
–
–
–
160mA-6.3A 60 min 30 min 50 ms
2 sec
10 ms 300 ms 20 ms
8A-10A
30 min 30 min 50 ms
2 sec
10 ms 400 ms 40 ms
S500
5 mm x 20 mm Fast-acting glass tube fuses
Agency information


Similar Part No. - S500-1-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S500-1-R COOPER-S500-1-R Datasheet
267Kb / 2P
5 x 20mm Fuses
More results

Similar Description - S500-1-R

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
C517 EATON-C517 Datasheet
245Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
C520 EATON-C520 Datasheet
288Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
GDA EATON-GDA Datasheet
321Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
GDB EATON-GDB Datasheet
627Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
GMA EATON-GMA Datasheet
439Kb / 2P
5 mm x 20 mm Fast-acting glass tube fuses
S501 EATON-S501 Datasheet
860Kb / 2P
5 mm x 20 mm Fast-acting ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C518 EATON-C518 Datasheet
310Kb / 2P
5 mm x 15 mm Fast-acting glass tube fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com