Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S500-1-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # S500-1-R
Description  5 mm x 20 mm Fast-acting glass tube fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S500-1-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  S500-1-R Datasheet HTML 1Page - Eaton All Rights Reserved. S500-1-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Eaton
Electronics Division
1000 Eaton Boulevard
Cleveland, OH 44122
United States
www.eaton.com/electronics
© 2017 Eaton
All Rights Reserved
Printed in USA
Publication No. 2052 BU-SB08761
June 2017
Eaton is a registered trademark.
All other trademarks are property
of their respective owners.
Life Support Policy: Eaton does not authorize the use of any of its products for use in life support devices or systems without the express written
approval of an officer of the Company. Life support systems are devices which support or sustain life, and whose failure to perform, when properly
used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in significant injury to the user.
Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit distribution of any products. Eaton also
reserves the right to change or update, without notice, any technical information contained in this bulletin.
S500
5 mm x 20 mm Fast-acting glass tube fuses
Technical Data 2052
Effective June 2017
5.54
(±0.20)
10
(±2.0)
20
(±0.5)
5.2
(±0.1/-0.2)
38.10
(±0.38)
21.10
(±0.81)
38.10
(±0.38)
0.65
(REF)
Dimensions - mm
Drawing Not to Scale
Time-current Curve
Nominal Time/Current Characteristics
Amp
Rating
10000
1000
100
10
1
0.1
0.01
0.01
0.1
1
10
100
1000
Current In Amps
Packaging Code
Packaging Pre x
Description
BK
100 fuses packed into a cardboard carton
BK1
1,000 fuses packed into a poly bag
TR2
1,500 fuses packed into tape on a reel (19.05mm lead wire length)
Option Code
Option Code
Description
V
Axial leads - copper tinned wire with nickel plated brass endcaps



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com