Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505H-8-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # S505H-8-R
Description  5 mm x 20 mm 400 Vdc/500-600 Vac time-delay fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S505H-8-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  S505H-8-R Datasheet HTML 1Page - Eaton All Rights Reserved. S505H-8-R Datasheet HTML 2Page - Eaton All Rights Reserved. S505H-8-R Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Technical Data 4406
Effective June 2017
Supersedes November 2011
Product features
400 Vdc/500-600 Vac rating
Time-delay, high breaking capacity
5 mm x 20 mm physical size
Ceramic tube with plated end cap construction
Designed to IEC 60127-2, Standard, Sheet 5
RoHS Compliant, lead free and halogen free
Optional axial leads available
Applications
Power supplies - adapters
Desktops/notebooks
TVs / Displays
Set top boxes
Lighting ballasts
Battery chargers
Printers
Game systems
Air conditioners
Agency information
cURus approval: Guide JFHR2, File E56412 and Guide
JFHR8, File E56412
CCC: 2A-4A, Cert. No.: 2010010207395946;
5A-6.3A Cert. No.: 2010010207390567
CQC Approval: 8A-10A, Cert. No.: CQC10012043350
TUV Approval: 2A-10A, Cert. No.: R50172128
PSE Approval: 1A-5A, Cert. No.: JET1641-31003-1009;
6.3A-10A, Cert. No: JET1641-31003-1011
S505H
5 mm x 20 mm 400 Vdc/500-600 Vac time-delay fuses
Pb
HALOGEN
HF
FREE
S505H-XXX-R (Ferrule)
PSE Approval: 1A-5A, Cert. No.: JET1641-31003-1010;
6.3A-10A, Cert. No: JET1641-31003-1012
cURus approval: Guide JFHR2, File E56412 and Guide
JFHR8, File E56412
S505H-V-XXX-R (Axial Leads)
Specifications
Typical
Typical
Voltage Max. Voltage Interrupting Rating 2(A)Under
DC Cold
Voltage
Typical
Agency Approvals
Catalog
Rating
Rating1
250
Max
400
Resistance
Drop
Value
250Vac
Number
Vac
AC
DC
Vac
Volts
Vdc
3
(mV)4
I2t (A2s)5
TUV6 CQC6 CCC6 PSE/JET cURus7
S505H-500-R
250
600
400
1500
100
1500
0.507
295
0.188
x
S505H-800-R
250
600
400
1500
100
1500
0.237
189
0.632
x
S505H-1-R
250
600
400
1500
100
1500
0.14
153
1.28
X
x
S505H-1.25-R
250
600
400
1500
100
1500
0.108
150
2.22
X
x
S505H-1.6-R
250
600
400
1500
100
1500
0.07
125
6.78
X
x
S505H-2-R
250
600
400
1500
100
1500
0.055
128
11.44
X
X
X
x
S505H-2.5-R
250
600
400
1500
100
1500
0.04
126
24.23
X
X
X
x
S505H-3.15-R
250
600
400
1500
100
1500
0.031
121
43.55
X
X
X
x
S505H-4-R
250
600
400
1500
100
1500
0.019
90
38.45
X
X
X
x
S505H-5-R
250
600
400
1500
100
1500
0.015
89
71.3
X
X
X
x
S505H-6.3-R
250
500
400
1500
100
1500
0.011
80
111.4
X
X
X
x
S505H-8-R
250
500
400
1500
100
1500
0.007
76
228.2
X
X
X
x
S505H-10-R
250
500
400
1500
100
1500
0.006
72
349.5
X
X
X
x
1. Max. Voltage rating: Base on the breaking capacity test according to UL.
2. - Breaking Capacity of 250 VAC/1500 A is tested by all agency approvals, test
condition is 250 Vac, PF: 0.7-0.8.
- Breaking Capacity of Max. voltage is tested by UL, PF:1.
- Breaking Capacity Test of DC is tested by UL under Capacitor Bank 4800 mF
(for 400 V, 1500 A), 2400 mF (for 400 V, 500 A).
3. Cold Resistance: Measure at <10% rated current.
4. Typical Voltage Drop: Voltage drop is measured under ambient 20 °C with rated current
5. Typical Pre-Arc I2t: Measured at 10In DC
6. Does not apply to axial leaded versions.
7. 600/500 Vac, 400 Vdc.
Electrical Characteristics
1.5In
2.1In
2.75In
4In
10In
Min
Max
Min
Max
Min
Max
Min
Max
Amps
min.
min.
ms
s
ms
s
ms
ms
<1A
<30
<80
<5
<150
1A-3.15A >60
<30
<80
<5
<150
4A-6.3A
<30
<80
<5
<150
8A-10A
<30
<80
<5
<150
>60
>250
>50
>5
>750
>95
>10
>60
>750
>150
>10
>30
>750
>150
>10


Similar Part No. - S505H-8-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S505H-8-R COOPER-S505H-8-R Datasheet
442Kb / 3P
400Vdc/500-600Vac Time-Delay 5x20mm Fuses
More results

Similar Description - S505H-8-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
S505SCH-3.15-R COOPER-S505SCH-3.15-R Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
logo
Eaton All Rights Reserv...
GDC EATON-GDC Datasheet
521Kb / 3P
5 mm x 20 mm Time-delay glass tube fuses
GMC EATON-GMC Datasheet
431Kb / 2P
5 mm x 20 mm Medium time-delay glass tube fuses
C515 EATON-C515 Datasheet
216Kb / 2P
5 mm x 15 mm Axial-leaded, time-delay, glass tube fuses
GMD EATON-GMD Datasheet
2Mb / 2P
5 mm x 20 mm Time-delay glass tube fuses
C519 EATON-C519 Datasheet
315Kb / 2P
5 mm x 15 mm Time-delay glass tube fuses
S505 EATON-S505 Datasheet
510Kb / 4P
5 mm x 20 mm, Ferrule time-delay, ceramic tube fuses
S505SC EATON-S505SC Datasheet
1Mb / 6P
5 x 20 mm Time-delay, axial lead ceramic tube fuses
S505SCH EATON-S505SCH Datasheet
1Mb / 7P
5 x 20 mm Time-delay, high I2t, axial lead, ceramic tube fuses
S506 EATON-S506 Datasheet
489Kb / 2P
5 mm x 20 mm Time-delay glass tube fuses
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com