Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S505H-8-R Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # S505H-8-R
Description  5 mm x 20 mm 400 Vdc/500-600 Vac time-delay fuses
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

S505H-8-R Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  S505H-8-R Datasheet HTML 1Page - Eaton All Rights Reserved. S505H-8-R Datasheet HTML 2Page - Eaton All Rights Reserved. S505H-8-R Datasheet HTML 3Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Technical Data 4406
Effective June 2017
S505H
5 mm x 20 mm 400 Vdc/500-600 Vac time-delay fuses
www.eaton.com/electronics
Dimensions - mm
500-800mA
2 Amps & Above
1. Ceramic Tube
2. Wire Fuse Element
3. Plated Fuse Cap
4. Filler
5. Solder
6. Eyelet
Construction
Axial Leaded Versions
1. S505H-XXX-R
2. Axial Leaded Cap
Time-Current Curves
Current in Amps
1-1.6 Amps
A (ref): 0.65 mm (0.5 A - 6.3 A), 0.80 mm (8 A-10 A)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com