Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6790 Datasheet(PDF) 1 Page - Fitipower Integrated Technology Inc.

Part # FP6790
Description  Low-Noise Boost DC-DC Converter
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6790 Datasheet(HTML) 1 Page - Fitipower Integrated Technology Inc.

  FP6790 Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6790 Datasheet HTML 8Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
FP6790-1.5-JAN-2012
1
FP6790
85T
fitipower integrated technology lnc.
Low-Noise Boost
DC-DC Converter
Pin Assignments
MS Package (MSOP-8)
SHDN
FB
COMP
GND
SS
LX
IN
FREQ
4
6
5
7
8
2
3
1
Figure 1. Pin Assignment of FP6790
Ordering Information
Description
The FP6790 is a step-up current mode PWM DC/DC
converter with an internal 1.6A, 0.25
Ω N-channel
MOSFET.
Pin selectable fixed switching frequency
(1.2MHz or 640kHz) and external compensation pin
provide the user flexibility in setting the loop
dynamic, allowing the use of tiny, low profile
inductors and low value, low ESR ceramic output
capacitors.
The FP6790 provides soft-start feature which is
programmable with an external capacitor.
In
shutdown mode, current consumption is reduced to
only 0.1
μA. The FP6790 converts the input voltage
ranged from 2.6V to 5.5V into an output voltage up to
12V.
FP6790 is available in the space-saving MSOP-8
package.
Features
● Operating Voltage from 2.6V to 5.5V
● Output Voltage from Input Voltage to 12V
● 90% Efficiency
● 1.6A, 0.25Ω Internal Power MOSFET
● Pin Selectable Switching Frequency (1.2MHz or
640kHz)
● Programmed Soft Start
● External Compensation Network
● 0.1μA Shutdown Current
● MSOP-8 Package
● RoHS Compliant
Applications
● LCD Display
● Portable Application
● Hand-Held Device
● Digital Camera
P: Green
G: Green
TR: Tape/Reel
Package Type
MS: MSOP-8
FP6790
□□□


Similar Part No. - FP6790

ManufacturerPart #DatasheetDescription
logo
Fitipower Integrated Te...
FP6791C FITIPOWER-FP6791C Datasheet
688Kb / 13P
PWM Boost DC-DC Controller
FP6791CTSGTR FITIPOWER-FP6791CTSGTR Datasheet
688Kb / 13P
PWM Boost DC-DC Controller
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
FP6795MPGTR FITIPOWER-FP6795MPGTR Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
FP6795MPPTR FITIPOWER-FP6795MPPTR Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
More results

Similar Description - FP6790

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME5131 AME-AME5131 Datasheet
169Kb / 11P
Low Power DC/DC Boost Converter
logo
ACE Technology Co., LTD...
ACE701C ACE-ACE701C Datasheet
465Kb / 10P
High Efficiency Low Noise PFM Boost DC/DC Converter
VER 1.3
logo
Union Semiconductor, In...
UM1660 UNIONSEMI-UM1660 Datasheet
546Kb / 15P
Low Power DC/DC Boost Converter
logo
Linear Technology
LTC3113 LINER-LTC3113_15 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
LTC3536 LINER-LTC3536_15 Datasheet
2Mb / 28P
1A Low Noise, Buck-Boost DC/DC Converter
logo
Union Semiconductor, In...
UM1665 UNIONSEMI-UM1665 Datasheet
461Kb / 15P
Low Power DC/DC Boost Converter
logo
Linear Technology
LTC3536 LINER-LTC3536 Datasheet
171Kb / 6P
1A, Low Noise, Wide VIN Buck-Boost DC/DC Converter
LTC3113 LINER-LTC3113 Datasheet
393Kb / 24P
3A Low Noise Buck-Boost DC/DC Converter
logo
Fitipower Integrated Te...
FP6795 FITIPOWER-FP6795 Datasheet
574Kb / 9P
Low-Noise Boost DC-DC Converter
logo
Analog Devices
LT3154 AD-LT3154 Datasheet
3Mb / 32P
6A Low Noise, High Performance Buck-Boost DC/DC Converter
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com