Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01A Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AT24C01A
Description  Two-wire Serial EEPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AT24C01A Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  AT24C01A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
IC
www.kexin.com.cn
1
SMD Type
Integrate Circuit
■ Features
● Low-voltage and Standard-voltage Operation
-2.7 (VCC = 2.7V to 5.5V)
-1.8 (VCC = 1.8V to 5.5V)
● Two-wire Serial Interface
● Schmitt Trigger, Filtered Inputs for Noise Suppression
● Bidirectional Data Transfer Protocol
● 100 kHz (1.8V) and 400 kHz (2.7V, 5V) Compatibility
● Write Protect Pin for Hardware Data Protection
■ Absolute Maximum Ratings
Parameter
Rating
Unit
Operating Temperature
-55 to +125
℃
Storage Temperature
-65 to +150
℃
Voltage on Any Pin with Respect to Ground
-1.0 to +7.0
V
Maximum Operating Voltage
6.25
V
DC Output Current
5
mA
■ Block Diagram
Two-wire Serial EEPROM
SOP-8
Unit: mm
AT24C01A/02N/04N/08AN/16AN


Similar Part No. - AT24C01A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C01A ATMEL-AT24C01A Datasheet
260Kb / 24P
2-Wire Serial EEPROM
AT24C01A ATMEL-AT24C01A Datasheet
617Kb / 26P
Two-wire Serial EEPROM
AT24C01A ATMEL-AT24C01A Datasheet
300Kb / 19P
Two-wire Automotive Serial EEPROM
AT24C01A ATMEL-AT24C01A Datasheet
495Kb / 20P
Two-wire Automotive Temperature Serial EEPROM
AT24C01A ATMEL-AT24C01A Datasheet
257Kb / 20P
Standard-voltage Operation
More results

Similar Description - AT24C01A

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com