Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24C01A Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AT24C01A
Description  Two-wire Serial EEPROM
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AT24C01A Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  AT24C01A Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd AT24C01A Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.kexin.com.cn
3
SMD Type
IC
SMD Type
Integrate Circuit
■AC Characteristics
Applicable over recommended operating range from TAI = -40℃ to +85℃, VCC = +1.8V to +5.5V, VCC = +2.7V to +5.5V,
CL = 1 TTL Gate and 100 pF (unless otherwise noted)
Parameter
Symbol
Min
Max
Min
Max
Clock Frequency, SCL
fSCL
100
400
kHz
Clock Pulse Width Low
tLOW
4.7
1.2
μs
Clock Pulse Width High
tHIGH
4.0
0.6
μs
Noise Suppression Time*1
tI
100
50
ns
Clock Low to Data Out Valid
tAA
0.1
4.5
0.1
0.9
μs
Time the bus must be free before a new
transmission can start*1
tBUF
4.7
1.2
μs
Start Hold Time
tHD.STA
4.0
0.6
μs
Start Setup Time
tSU.STA
4.7
0.6
μs
Data In Hold Time
tHD.DAT
0
0
μs
Data In Setup Time
tSU.DAT
200
100
ns
Inputs Rise Time*1
tR
1.0
0.3
μs
Inputs Fall Time*1
tF
300
300
ns
Stop Setup Time
tSU.STO
4.7
0.6
μs
Data Out Hold Time
tDH
100
50
ns
Write Cycle Time
tWR
5
5
ms
5.0V, 25℃, Byte Mode
Endurance*1
1M
1M
Write
Cycles
*1. This parameter is characterized.
2.7, 5.0-V
1.8-V
Units
AT24C01A/02N/04N/08AN/16AN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com