Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6809-23CS3P Datasheet(PDF) 4 Page - Fitipower Integrated Technology Inc.

Part # FP6809-23CS3P
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6809-23CS3P Datasheet(HTML) 4 Page - Fitipower Integrated Technology Inc.

  FP6809-23CS3P Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FP6809/6810-1.6-JUL-2014
FP6809/6810
fitipower integrated technology lnc.
Electrical Characteristics
(VCC=full range, TA=25°C, unless otherwise specified.)
Parameter
Symbol
Conditions
Min
Typ.
Max
Unit
VCC Range
VCC
1.0
5.5
V
Supply Current
ICC
VCC<5.5V, FP68__-46/44/40
3
µA
VCC<3.6V, FP68__-23/26/29/31
3
Reset Threshold
VTH
FP6809-46/ FP6810-46
4.54
4.63
4.72
V
FP6809-44/ FP6810-44
4.29
4.38
4.47
FP6809-40/ FP6810-40
3.92
4.00
4.08
FP6809-31/ FP6810-31
3.02
3.08
3.14
FP6809-29/ FP6810-29
2.87
2.93
2.99
FP6809-26/ FP6810-26
2.58
2.63
2.68
FP6809-23/ FP6810-23
2.27
2.32
2.37
Reset Threshold T.C. (Note3)
30
ppm/°C
VCC to Reset Delay (Note3)
VCC=VTH to (Vth-100mV)
20
μs
Reset Active Timeout Period
140
240
560
ms
Output Voltage Low
(Push-Pull Active Low and
Open-Drain Active Low,
FP6809)
VOL
VCC=VTH min, ISINK=1.2mA,
FP6809-23/26/29/31
0.3
V
VCC=VTH min, ISINK=3.2mA,
FP6809-44/46
0.4
VCC>1.0V, ISINK=50μA
0.3
RESET Output Voltage Low
(Push-Pull Active High,
FP6810)
VOL
VCC=VTH max, ISINK=1.2mA,
FP6809-23/26/29/31
0.3
V
VCC=VTH max, ISINK=3.2mA,
FP6809-44/46
0.4
Output Voltage High
(Push-Pull Active Low,
FP6809)
VOH
VCC>VTH max, ISOURCE=500μA,
FP6809-23/26/29/31
0.8Vcc
V
VCC>VTH max, ISOURCE=800μA,
FP6809-44/46
Vcc-1.5
RESET Output Voltage High
(Push-Pull Active High,
FP6810)
VOH
1.8V<VCC<VTH Min, ISOURCE=150μA
0.8Vcc
V
Open-Drain Output
Leakage Current (FP6809-N)
VCC>VTH, RESET deasserted
1
μA
Note 3:The specification is guaranteed by design, not production tested.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com