Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6809-23CS3P Datasheet(PDF) 7 Page - Fitipower Integrated Technology Inc.

Part # FP6809-23CS3P
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6809-23CS3P Datasheet(HTML) 7 Page - Fitipower Integrated Technology Inc.

  FP6809-23CS3P Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6809-23CS3P Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
FP6809/6810-1.6-JUL-2014
FP6809/6810
fitipower integrated technology lnc.
Application Information
The
FP6809/FP6810
are
supervisory
circuits,
monitoring critical voltages and asserting reset
signal to the subsequent devices.
The reset signal
can start the microprocessor in a known state,
avoiding code- execution errors during power-up,
power-down,
or
brownout
conditions.
(RESET) is guaranteed to be a logic low
(high) for VTH>VCC>0.9V. Once VCC exceeds the
reset
threshold,
an
internal
timer
keeps
(RESET) low (high) for the reset timeout.
After this period,
(RESET) goes high (low).
If
VCC
falls
below
the
reset
threshold,
(RESET) goes low (high) immediately.
Whenever VCC drops below VTH, the internal timer
resets to zero and
(RESET) goes low
(high).
The internal timer keeps activated only
when VCC> VTH, and
(RESET) remains low
(high) for the reset timeout interval.
Negative-Going VCC Transients
In addition to issuing a reset to microprocessor
during
power-up,
power-down,
and
brownout
conditions, FP6809/FP6810 are relatively immune
to short-duration negative-going VCC transients
(glitches).
Figure 11 shows typical transient
duration vs. reset comparator overdrive, for which
the FP6809/ FP6810 do not generate a reset signal.
The graph was generated using a negative-going
pulse applied to VCC, as shown in Figure 12, starting
0.5V above the actual reset threshold and ending
below
it
by
the
magnitude
indicated
(reset
comparator overdrive).
The graph indicates the
maximum
pulse
width
a
negative-going
VCC
transient can have without causing a reset signal.
As the reset comparator overdrive increases, the
maximum allowable pulse width decreases.
A
typical 0.1
μF bypass capacitor mounted as close as
possible to the VCC pin provides additional transient
immunity.
Figure 11. Maximum Transient Durations Without Causing
a Reset Pulse vs. Reset Comparator Overdrive
VCC
VTH
Duration
Overdrive
Figure 12. The VCC with Negative Going Transients
0
100
200
300
400
500
0
20
40
60
80
100
120
Reset Comparator Overdrive(mV)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com