Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6809-29CS3P Datasheet(PDF) 3 Page - Fitipower Integrated Technology Inc.

Part # FP6809-29CS3P
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6809-29CS3P Datasheet(HTML) 3 Page - Fitipower Integrated Technology Inc.

  FP6809-29CS3P Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FP6809/6810-1.6-JUL-2014
FP6809/6810
fitipower integrated technology lnc.
Block Diagram
Bandgap
Reset
Generator
RESET
VCC
GND
Figure 3. Block Diagram of FP6809/FP6810
Absolute Maximum Ratings
● Supply Voltage (VCC to GND ) --------------------------------------------------------------------------- -0.3V to +6V
● RESET,
Voltage (Push-Pull) ------------------------------------------------------------------ -0.3 to (Vcc+0.3V)
●
Voltage (Open Drain) --------------------------------------------------------------------------- -0.3V to (Vcc+0.3V)
● Input Current, VCC ------------------------------------------------------------------------------------------ 20mA
● Output Current, RESET,
----------------------------------------------------------------------- 20mA
● Rate of Rise (VCC) ------------------------------------------------------------------------------------------ 100V/μs
● Power Dissipation @T
A=25°C, SOT-23-3 (PD) ------------------------------------------------------- +0.4W
● Package Junction-to-Case Thermal Resistance SOT-23-3 (θ
Jc) -------------------------------- +150°C/W
● Package Thermal Resistance SOT-23-3 (θ
JA) ------------------------------------------------------- +250°C/W
● Maximum Junction Temperature (T
J) ------------------------------------------------------------------- +150°C
● Storage Temperature (T
S) --------------------------------------------------------------------------------- -65°C to +150°C
● Lead Temperature (Soldering, 10s) (T
LEAD) ----------------------------------------------------------- +260°C
Note 2:
tresses beyond those listed under “Absolute Maximum atings" may cause permanent damage to the device.
Recommended Operating Conditions
● Supply Voltage (VCC to GND) ---------------------------------------------------------------------------- +1.0V to +5.5V
● Operation Temperature Range --------------------------------------------------------------------------- -40°C to +85°C



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com