Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FP6809-29CS3P Datasheet(PDF) 8 Page - Fitipower Integrated Technology Inc.

Part # FP6809-29CS3P
Description  3-Pin Microprocessor Reset Circuits
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FITIPOWER [Fitipower Integrated Technology Inc.]
Direct Link  http://www.fitipower.com/en_US/index.asp
Logo FITIPOWER - Fitipower Integrated Technology Inc.

FP6809-29CS3P Datasheet(HTML) 8 Page - Fitipower Integrated Technology Inc.

  FP6809-29CS3P Datasheet HTML 1Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 2Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 3Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 4Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 5Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 6Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 7Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 8Page - Fitipower Integrated Technology Inc. FP6809-29CS3P Datasheet HTML 9Page - Fitipower Integrated Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FP6809/6810-1.6-JUL-2014
FP6809/6810
fitipower integrated technology lnc.
Application Information (Continued)
Benefits of Highly Accurate Reset Threshold
Most microprocessor supervisor ICs have reset
threshold voltages between 5% and 10% below the
value of nominal supply voltages.
This ensures a
reset will not occur within 5% of the nominal supply,
but will occur when supply is 10% below nominal.
In other words, the reset is guaranteed to assert
after the power supply falls out of regulation, but
keeps inactive even when power is at the minimum
specified operating voltage of the system ICs.
Ensuring a Valid Reset Output Down to VCC=0
When VCC falls below 1V, the FP6809 no longer
sinks
current,
it
becomes
an
open
circuit.
Therefore, high-impedance CMOS logic inputs
connected to RESET can drift to undetermined
voltages.
This presents no problem in most
applications
for
microprocessor’s
inoperative
condition
with
VCC below 1V.
However,
in
applications where RESET must be valid down to
0V, adding a pull-down resistor to RESET causes
stray leakage currents to flow to ground, providing
some impedance between RESET and ground
(Figure 13).
1 is recommended around 100kΩ.
FP6809
µP
RESET
VCC
GND
RESET
INPUT
GND
VCC
VCC
R1
100K
Figure 13.
Valid to VCC=0V Circuit
A
100kΩ
pull-up
resistor
to
VCC
is
also
recommended for FP6810 if RESET is required to
remain valid for VCC<1V.
Interfacing to
μPs with Bidirectional Reset Pins
Since the RESET output of FP6809N is open drain,
this device interfaces easily with
μP that has
bidirectional reset pins.
Connect the FP6809N’s
output directly to the microcontroller’s
RESET pin with a single pull-up resistor allows either
device to assert reset (Figure 14).
FP6809-N
µP
RESET
VCC
GND
RESET
INPUT
GND
VCC
VCC
Figure14. Interfacing to
μPs with Bidirectional Reset I/O



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com