Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1521 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 35Page - NXP Semiconductors ISP1521 Datasheet HTML 36Page - NXP Semiconductors ISP1521 Datasheet HTML 37Page - NXP Semiconductors ISP1521 Datasheet HTML 38Page - NXP Semiconductors ISP1521 Datasheet HTML 39Page - NXP Semiconductors ISP1521 Datasheet HTML 40Page - NXP Semiconductors ISP1521 Datasheet HTML 41Page - NXP Semiconductors ISP1521 Datasheet HTML 42Page - NXP Semiconductors ISP1521 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
39 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
Table 43:
Dynamic characteristics: high-speed source electrical characteristics
VCC = 3.0 V to 3.6 V; Tamb = −40 °Cto+70 °C; test circuit Figure 21; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver characteristics
tHSR
rise time
10 % to 90 %
500
-
-
ps
tHSF
fall time
90 % to 10 %
500
-
-
ps
Clock timing
tHSDRAT
data rate
479.76
-
480.24
Mbit/s
tHSFRAM
microframe interval
124.9375 -
125.0625
µs
tHSRFI
consecutive microframe interval
difference
1
-
four high-speed
bit times
ns
Table 44:
Dynamic characteristics: full-speed source electrical characteristics
VCC = 3.0 V to 3.6 V; Tamb = −40 °Cto+70 °C; test circuit Figure 22; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Driver characteristics
tFR
rise time
CL = 50 pF; 10 % to 90 % of
|VOH − VOL|
4
-
20
ns
tFF
fall time
CL = 50 pF; 90 % to 10 % of
|VOH − VOL|
4
-
20
ns
tFRFM
differential rise and fall time
matching
[1] 90
-
111.1
%
ZDRV
driver output resistance
for the driver that is not
high-speed capable
28
-
44
Ω
VCRS
output signal crossover voltage
[1][2] 1.3
-
2.0
V
Data source timing[2]
tDJ1
source differential jitter for
consecutive transitions
see Figure 10
[1]
−3.5
-
+3.5
ns
tDJ2
source differential jitter for paired
transitions
see Figure 10
[1]
−4
-
+4
ns
tFEOPT
source SE0 interval of EOP
see Figure 11
160
-
175
ns
tFDEOP
source differential data-to-EOP
transition skew
see Figure 11
−2
-
+5
ns
Receiver timing[2]
tJR1
receiver data jitter tolerance for
consecutive transitions
see Figure 12
−18.5
-
+18.5
ns
tJR2
receiver data jitter tolerance for
paired transitions
see Figure 12
−9
-
+9
ns
tFEOPR
receiver SE0 width
accepted as EOP; see
Figure 11
82
--ns
tFST
width of SE0 interval during
differential transaction
rejected as EOP; see Figure 13
--14
ns
Hub timing (downstream ports configured as full-speed)[2]
tFHDD
hub differential data delay (without
cable)
see Figure 14; CL = 0 pF
--44
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com