Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISP1521 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ISP1521
Description  Hi-Speed Universal Serial Bus hub controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

ISP1521 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ISP1521 Datasheet HTML 17Page - NXP Semiconductors ISP1521 Datasheet HTML 18Page - NXP Semiconductors ISP1521 Datasheet HTML 19Page - NXP Semiconductors ISP1521 Datasheet HTML 20Page - NXP Semiconductors ISP1521 Datasheet HTML 21Page - NXP Semiconductors ISP1521 Datasheet HTML 22Page - NXP Semiconductors ISP1521 Datasheet HTML 23Page - NXP Semiconductors ISP1521 Datasheet HTML 24Page - NXP Semiconductors ISP1521 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Philips Semiconductors
ISP1521
Hi-Speed USB hub controller
Product data
Rev. 03 — 24 November 2004
21 of 53
9397 750 13702
© Koninklijke Philips Electronics N.V. 2004. All rights reserved.
56 57
-
33 00
3
58 59
-
33 00
3
5A 5B
-
37 00
7
5C 5D
-
38 00
8
5E 5F
-
37 00
7
60 61
-
37 00
7
62 63
-
36 00
6
64 65
-
37 00
7
66 67
-
38 00
8
68 69
-
20 00
6A 6B
-
3D 00
=
6C 6D
-
20 00
6E 6F
-
77 00
w
70 71
-
69 00
i
72 73
-
72 00
r
74 75
-
65 00
e
76 77
-
64 00
d
78 79
-
20 00
7A 7B
-
73 00
s
7C 7D
-
75 00
u
7E 7F
-
70 00
p
80 81
-
70 00
p
82 83
-
6F 00
o
84 85
-
72 00
r
86 87
-
74 00
t
String descriptor Index 1 (iManufacturer) second language
88
bLength
-
2E
string descriptor length (manufacturer ID)
89
bDescriptorType
-
03[2]
STRING
8A 8B
bString
-
50 00
P of Philips
8C 8D
-
68 00
h
8E 8F
-
69 00
i
90 91
-
6C 00
l
92 93
-
69 00
i
94 95
-
70 00
p
96 97
-
73 00
s
98 99
-
20 00
9A 9B
-
53 00
S of Semiconductors
9C 9D
-
65 00
e
9E 9F
-
6D 00
m
A0 A1
-
69 00
i
Table 12:
ROM or EEPROM detailed map…continued
Address
(hex)
Content
Default
(hex)
Example
(hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com