Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # ATM
Description  ATM blade fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ATM Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  ATM Datasheet HTML 1Page - Eaton All Rights Reserved. ATM Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ATM blade fuses
Technical Data 2048
Effective January 2019
Eaton and Bussmann are valuable trademarks
of Eaton in the US and other countries. You
are not permitted to use the Eaton trademarks
without prior written consent of Eaton.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2019 Eaton
All Rights Reserved
Printed in USA
Publication No. 2048 — BU-SB15054
January 2019
Follow us on social media to get the
latest product and support information.
For Eaton’s Bussmann series
product information,
call 1-855-287-7626 or visit:
Eaton.com/bussmannseries
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are
by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once
a product has been selected, it should be tested by the user in all possible applications.
Time-current characteristic curves — average melt
Current in amps
1 A
15 A
10 A
7-1/2 A
5 A
4 A
3 A
2 A
20 A
25 A
30 A
1
10
9
8
7
6
5
4
3
2
100
1000
0.01
0.1
1
10,000
1000
100
10
Electrical characteristics
Fuse amps
Resistance
Voltage drop
1
121 mΩ
175 mV
2
49.7 mΩ
140 mV
3
29.6 mΩ
140 mV
4
23.8 mΩ
136 mV
5 A
16.7 mΩ
112 mV
7-1/2
11.1 mΩ
112 mV
10
7.82 mΩ
106 mV
15
4.93 mΩ
99 mV
20
3.48 mΩ
95 mV
25
2.58 mΩ
92 mV
30
2.12 mΩ
86 mV



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com