Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATM Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # ATM
Description  ATM blade fuses
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

ATM Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  ATM Datasheet HTML 1Page - Eaton All Rights Reserved. ATM Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 2048
Effective January 2019
Supersedes December 2015
BUSSMANN
SERIES
ATM blade fuses
Catalog symbol
ATM-_
Description
A range of UL® Listed fast-acting miniature blade
fuses for automotive and low-voltage circuits.
Ratings
Volts: 32 Vac/dc
Amps: 2 to 30 A
Interrupting rating: 1 kA
Agency information
UL Listed, Guide FHXT, File AU169
ISO 8820-3 / JASO D612 / SAE J2077 and J1171
ignition protection
Materials
Silver-plated zinc terminals and element
Polyamide housing with UL 94 HB flammability
rating
Environmental
Operating temperature range -40°C to +80°C,
95% RH non-condensing
Storage temperature range -5°C to +35°C or
lower, 85% RH non-condensing
Basic catalog numbers
Cat. no.
(amp)
Color code
Cat. no.
(amp)
Color code
ATM-1*
Black
ATM-10
Red
ATM-2
Gray
ATM-15
Blue
ATM-3
Violet
ATM-20
Yellow
ATM-4
Pink
ATM-25
Clear
ATM-5
Tan
ATM-30
Green
ATM-7-1/2
Brown
* Available only in traditional and bulk pack.
Packaging codes
Package
type
Cat. no.
configuration
Contents
Traditional
ATM-(amp)
5 fuses in a tin
Reload
ATM-(amp)RLD*
10 fuses in a polybag
Retail pack
BP/ATM-(amp)-RP
5 fuses in a blister card
Value pack
VP/ATM-(amp)-RP
25 fuses in a clamshell
pack
Bulk pack
BK/ATM-(amp)
500 fuses in a carton
* Not available for the 4 amp ATM fuses.
0.344 ± 0.006
(8.75 ± 0.15)
0.15
(3.81)
0.43
(10.92)
0.295 ± 0.012
(7.5 ± 0.3)
Dimensions — in
Operating @ 23°C*
% of fuse amp rating
Min
Max
110%
100 hrs
135%
0.75 sec
600 sec
160%
0.25 sec
50.0 sec
200%
0.15 sec
5.0 sec
350%
0.04 sec
0.5 sec
600%
0.02 sec
0.1 sec
* Fuse characteristics may vary according to the conditions
under which they are used. Fuse derating with change in
ambient temperature: -0.15% / 1°C.
Features
Halogen free and RoHS compliant
Test points on fuse housing speeds
troubleshooting
Industry standard color coded by amp rating
Typical applications
Automotive
Low voltage control circuits
Recommended fuse holders, add-a-circuit
and fuseclips
Part
number
Description
Max volts/
amps
Leadwire
HHH
Add-a-circuit for
additional fused
circuit on a block
32V/10A
5”/#16
HHL
Inline fuse holder
with cover
32V/20A
2x4”/#16
HHM
Inline fuse holder
with cover
32V/30A
2x4”/#12
HHU
Water resistant
inline fuse holder
with cover
32V/30A
2x4”/#12
ATM-FHID Indicating inline fuse
holder with cover
32V/20A
2x4”/#16
1A5778** PCB fuse clip
32V/15A
1A5779** PCB fuse clip with
nylon base
32V/15A
** See data sheet no. 2131 for details.
HALOGEN
HF
FREE


Similar Part No. - ATM

ManufacturerPart #DatasheetDescription
logo
Mersen
ATM MERSEN-ATM Datasheet
89Kb / 1P
MIDGET, PC MOUNT & MINIATURE FUSES
ATM MERSEN-ATM Datasheet
401Kb / 1P
Fast-Acting Midget Fuses
logo
TOKYO KEISO CO.,LTD.
ATM KEISO-ATM Datasheet
121Kb / 2P
Averaging Temperature Sensor
Oct 2017
logo
List of Unclassifed Man...
ATM-0007 ETC2-ATM-0007 Datasheet
345Kb / 3P
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
ATM-0018 ETC2-ATM-0018 Datasheet
345Kb / 3P
ELECTRICALLY CONDUCTIVE DIE ATTACH ADHESIVE
More results

Similar Description - ATM

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
ATC-1 COOPER-ATC-1 Datasheet
211Kb / 1P
Automotive Blade Fuses
ATM-3 COOPER-ATM-3 Datasheet
83Kb / 1P
Blade-Type Fuses
ATM-4 COOPER-ATM-4 Datasheet
83Kb / 1P
Blade-Type Fuses
logo
Littelfuse
142.6185.5406 LITTELFUSE-142.6185.5406 Datasheet
290Kb / 2P
Blade Fuses
0257030.PXPV LITTELFUSE-0257030.PXPV Datasheet
175Kb / 2P
Blade Fuses
0999030.ZXN LITTELFUSE-0999030.ZXN Datasheet
255Kb / 2P
Blade Fuses
logo
Cooper Bussmann, Inc.
ATM-10 COOPER-ATM-10 Datasheet
83Kb / 1P
Blade-Type Fuses ATM Series, Fast Acting
ATM-2 COOPER-ATM-2_15 Datasheet
306Kb / 2P
ATM blade fuses
ATC-1 COOPER-ATC-1_15 Datasheet
477Kb / 4P
Blade fuses
logo
Eaton All Rights Reserv...
ATC EATON-ATC Datasheet
477Kb / 4P
Blade fuses
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com