Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC3XXXAX Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPC3XXXAX
Description  3--channell Sound Conttrollller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXAX Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPC3XXXAX Datasheet HTML 17Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 18Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 19Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 20Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 21Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 22Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 23Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 24Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 25Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
21
Aug. 28, 2017
Version: 2.3
8. ELECTRICAL SPECIFICATIONS
8.1. Absolute Maximum Ratings
Characteristics
Symbol
Ratings
DC Supply Voltage
V+
< 7.0V
Input Voltage Range
VIN
(VSS-0.3V) to (V+ + 0.3V)
Operating Temperature
TA
0℃ to +70℃
Storage Temperature
TSTO
-65℃ to +150℃
Note: Stresses beyond those given in the Absolute Maximum Rating table may cause permanent damage to the device. For normal operational conditions, see
AC/DC Electrical Characteristics.
8.2. DC Characteristics (TA = 25℃)
Characteristics
Symbol
Limit
Unit
Test Condition
Min.
Typ.
Max.
Min. Operating Voltage
VDD*min
2.0
2.1
2.2
V
For GPC3680A/540A/480A/420A
1.9
2.0
2.1
V
For Others
Max. Operating Voltage
VDD max
-
-
5.5
V
Low Voltage Reset Level
V*LVR
2.0
2.1
2.2
V
For GPC3680A/540A/480A/420A
1.9
2.0
2.1
V
For Others
Operating Current
IOP
-
2.5
-
mA
FCPU = 6MHz @ 3.0V, PWM output off
For GPC3680A/540A/480A/420A
-
4
-
mA
FCPU = 6MHz @ 3.0V, PWM output off
For GPC3341A
-
2
-
mA
FCPU = 6MHz @ 3.0V, PWM output off
For Others
-
5
-
mA
FCPU = 6MHz @ 4.5V, PWM output off
For GPC3680A/540A/480A/420A/341A
-
2.5
-
mA
FCPU = 6MHz @ 4.5V, PWM output off
For GPC3010A/011C/010C
-
4
-
mA
FCPU = 6MHz @ 4.5V, PWM output off
For Others
Halt Current
I**HALT
-
4
-
uA
VDD = 3.0V, XTAL32K ON
NOT available for GPC3040A/B~GPC3026A/B,
GPC3010A/011C/010C
-
8
-
uA
VDD = 4.5V, XTAL32K ON
NOT available for GPC3040A/B~GPC3026A/B ,
GPC3010A/011C/010C
Standby Current
ISTBY
-
-
5
uA
VDD = 3.0V, For GPC3341A/010A/011C/
010C
-
-
3
uA
VDD = 3.0V, For GPC3340C/D, GPC3256C,
GPC3170A1~GPC3092A1, GPC3170B1.
-
-
2
uA
VDD = 3.0V, For Others
-
-
5
uA
VDD = 4.5V, For GPC3341A/010A/011C/
010C
-
-
3
uA
VDD = 4.5V, For GPC3340C/D, GPC3256C,
GPC3170A1~GPC3092A1, GPC3170B1.
-
-
2
uA
VDD = 4.5V, For Others



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com