Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC3XXXAX Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPC3XXXAX
Description  3--channell Sound Conttrollller
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC3XXXAX Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPC3XXXAX Datasheet HTML 1Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 2Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 3Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 4Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 5Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 6Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 7Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 8Page - Generalplus Technology Inc. GPC3XXXAX Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
GPC3XXXAx/Bx/Cx/Dx
© Generalplus Technology Inc.
Proprietary & Confidential
4
Aug. 28, 2017
Version: 2.3
3-CHANNEL SOUND CONTROLLER
1. GENERAL DESCRIPTION
The GPC3XXXAx/Bx/Cx/Dx is embedded with an 8-bit processor,
32K~2M bytes ROM or OTP ROM (by body), 96~256 bytes
SRAM, three 12-bit timer/counters, 12~24 general I/Os, a
3-channel mixer, a pair of 12-bit PWM outputs and a real time
clock (by body).
In audio processing, melody and speech can
be mixed into one output.
It operates over a wide voltage range
and has a Low Voltage Reset function and a sleep mode to save
more power.
It can be awakened from sleep mode by interrupt
sources or IO’s state changes. GPC3XXXAx/Bx/Cx/Dx is one
of the most suitable speech engines in the industry for vocal
applications.
2. BLOCK DIAGRAM
8-bit
controller
THREE 12-BIT
AUTO RELOAD
TIMER
PWM
24 PIN GENERAL I/O PORT
IOA[7:0]
IOB[3:0]
IOB[7:4]
IROSC/EROSC
CLOCK
(by body & option)
AUDP
AUDN
RESET
RESB
RTC (by body)
IOB5
IOB4
3 CHANNEL PWM
MIXER
(by body)
IOC[7:0]
(by body)
32KB~2MB ROM
(by body)
96B~256B SRAM
(by body)
Regulator
(by body)
VDD_REGIN
VDD_REGOUT
VPP
(by body)
OSC
(by body)
3. FEATURES
 Wide Operating Voltage: 2.0V/2.1V * - 5.5V (by body)
* The lowest operating voltage depends on LVR (Low Voltage Reset)
level. Typical LVR voltage is 2.0V/2.1V (by body), but with +/- 0.1V
deviation possibility
 Working Voltage with 6MHz system clock: 2.2V ** - 5.5V
Working Voltage with 8MHz system clock: 2.4V ** - 5.5V
** The system clock would start to slow down at lowest working voltage
(6MHz at 2.2V, 8MHz at 2.4V); please refer to the Frequency vs. VDD
curve on page 16 and page 17
 ROM size: 32K~2M bytes (by body option)
 RAM size: 96 ~256 bytes (by body option)
 Built-in internal or external RC oscillator (by body option)
 Built-in internal RC oscillator 8MHz or 6MHz(code option)
 Approx. 10~680 seconds speech @6KHz sampling rate with
4-bit ADPCM (by body option)
 Standby mode (Clock Stop mode) for power savings.
Max. 2.0uA ~ 5.0uA @ 4.5V (by body option)
 Bit programmable 12~24 general I/Os(by body option)
 Four I/Os with high sink current for LED application
 All general IOs provide 1M pull-low function to prevent current
leakage while pressing the key (IOs to VDD)
Three 12-bit timer/counters
 Seven or eight IRQs & 1 NMI interrupt (by body option)
 Two or three wake-up sources (by body option)
 Feedback function (by body option)
 Low Voltage Reset (LVR) function
 Watchdog function
 IR function
 RTC function (by body option)
 Four sets of hardware PWMIO supporting LED outputs with
brightness control of 256-level
 A 3-channel mixer with melody or ADPCM/PCM input
 A pair of PWM outputs with volume control
4. APPLICATION FIELD
 Talking instrument controller
 General music synthesizer
 High-end toy controller
 Intelligent education toys
 And more



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com