Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFJ Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # DFJ
Description  DFJ Class J high speed fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DFJ Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  DFJ Datasheet HTML 1Page - Eaton All Rights Reserved. DFJ Datasheet HTML 2Page - Eaton All Rights Reserved. DFJ Datasheet HTML 3Page - Eaton All Rights Reserved. DFJ Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 1048
Effective August 2016
Supersedes December 2015
BUSSMANN
SERIES
DFJ Class J high speed fuses
Catalog symbol:
•
DFJ-_
Description:
The Bussmann™ series DFJ drive fuse is a
high speed, current-limiting fuse that provides
maximum protection for AC and DC drives
and controllers and meet NEC® branch circuit
protection requirements. The drive fuse has the
lowest I2t of any branch circuit fuse to protect
power semiconductor devices that utilize
diodes, GTOs, SCRs and SSRs.
Specifications:
Ratings
•
Volts
•
600Vac (or less)
•
450Vdc (or less, 15-600A)
•
Amps 1-600A
•
IR
•
200kA RMS Sym.
•
100kA DC
Agency information
•
UL® Listed Standard 248-8, Class J,
Guide JDDZ, File E4273
•
CSA® Certified, C22.2 No. 248.8,
Class 1422-02, File 53787
•
RoHS compliant
•
CE
Features:
•
Easily coordinated with existing and new
variable speed drives and electric controllers.
•
Standard Class J dimensions allow using
readily available fuse blocks, holders and
switches.
•
Has the lowest let-through energy of any
branch circuit overcurrent protective device.
Typical applications
•
Protection of AC and DC drives
•
Equipment using power semiconductor
devices
Catalog numbers (amps):
DFJ-1
DFJ-15
DFJ-60
DFJ-200
DFJ-2
DFJ-17.5
DFJ-70
DFJ-225
DFJ-3
DFJ-20
DFJ-80
DFJ-250
DFJ-4
DFJ-25
DFJ-90
DFJ-300
DFJ-5
DFJ-30
DFJ-100
DFJ-350
DFJ-6
DFJ-35
DFJ-110
DFJ-400
DFJ-8
DFJ-40
DFJ-125
DFJ-450
DFJ-10
DFJ-45
DFJ-150
DFJ-500
DFJ-12
DFJ-50
DFJ-175
DFJ-600
Carton quantity:
Amp rating
Carton qty.
1–60
10
70–200
5
225–600
1


Similar Part No. - DFJ

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
DFJ-1 COOPER-DFJ-1 Datasheet
1Mb / 4P
DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
DFJ-10 COOPER-DFJ-10 Datasheet
1Mb / 4P
DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
DFJ-100 COOPER-DFJ-100 Datasheet
1Mb / 4P
DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
DFJ-100 COOPER-DFJ-100 Datasheet
551Kb / 4P
DFJ Class J high speed fuses
DFJ-110 COOPER-DFJ-110 Datasheet
1Mb / 4P
DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
More results

Similar Description - DFJ

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FWA COOPER-FWA Datasheet
750Kb / 20P
High Speed Fuses
1302-C001-AA COOPER-1302-C001-AA Datasheet
150Kb / 20P
High Speed Fuses
logo
Littelfuse
JLS LITTELFUSE-JLS Datasheet
415Kb / 2P
CLASS J JLS SERIES FUSES
logo
Cooper Bussmann, Inc.
JKS-50 COOPER-JKS-50 Datasheet
89Kb / 2P
Limitron짰 Quick-Acting Fuses Class J ??600 Volt
DFJ-20 COOPER-DFJ-20 Datasheet
1Mb / 4P
DFJ - 600Vac/450Vdc, 1-600A High Speed Fuse
DFJ-15 COOPER-DFJ-15_15 Datasheet
551Kb / 4P
DFJ Class J high speed fuses
FWH-300A COOPER-FWH-300A Datasheet
160Kb / 2P
High Speed Fuses
logo
Eaton All Rights Reserv...
JKS EATON-JKS Datasheet
881Kb / 4P
JKS fast-acting Class J fuses, up to 60 A
JKS-70 EATON-JKS-70 Datasheet
807Kb / 3P
JKS fast-acting Class J fuses, 70 to 600 A
logo
Littelfuse
JLS LITTELFUSE-JLS_V01 Datasheet
330Kb / 3P
CLASS J ??JLS SERIES FUSES
Rev: 062617
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com