Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DFJ Datasheet(PDF) 2 Page - Eaton All Rights Reserved.

Part # DFJ
Description  DFJ Class J high speed fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

DFJ Datasheet(HTML) 2 Page - Eaton All Rights Reserved.

  DFJ Datasheet HTML 1Page - Eaton All Rights Reserved. DFJ Datasheet HTML 2Page - Eaton All Rights Reserved. DFJ Datasheet HTML 3Page - Eaton All Rights Reserved. DFJ Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Technical Data 1048
Effective August 2016
DFJ Class J high speed fuses
Eaton.com/bussmannseries
Electrical characteristics:
Catalog
number
Amps
I2t (A2 Sec) @ 600Vac/100kA
Watts
loss
Pre-arc
Clearing
DFJ-15
15
4
110
4.1
DFJ-20
20
8
365
4.0
DFJ-25
25
12
610
4.9
DFJ-30
30
20
1000
5.5
DFJ-35
35
55
1100
6.8
DFJ-40
40
90
1900
8.6
DFJ-50
50
140
2800
8.7
DFJ-60
60
290
6000
8.5
DFJ-70
70
450
3100
12
DFJ-80
80
650
4600
13
DFJ-90
90
1010
7200
13
DFJ-100
100
1460
10,500
13
DFJ-110
110
1710
9500
17
DFJ-125
125
3580
20,000
15
DFJ-150
150
5080
28,000
19
DFJ-175
175
6310
35,000
23
DFJ-200
200
9850
54,500
24
DFJ-225
225
11,420
51,000
29
DFJ-250
250
17,000
74,500
30
DFJ-300
300
23,500
103,000
36
DFJ-350
350
38,800
170,000
39
DFJ-400
400
62,200
272,000
40
DFJ-450
450
44,600
270,000
56
DFJ-500
500
79,500
480,000
52
DFJ-600
600
138,000
830,000
57
Dimensions - in:
6.0"
8.0"
(± 0.03)
3.75"
.74"
2.13"
.38"
.53"
2"
450A to
600A
2.5"
7.13"
(± 0.03)
5.25"
3.38"
.58"
1.63"
1.88"
.41"
2.11"
.25"
225A to
400A
5.75"
(± 0.03)
4.38"
3.0"
.43"
1.38"
4.63"
(± 0.03)
3.63"
2.63"
70A to 100A
.28"
.75"
1.13"
.13"
1"
.43"
1.13"
.28"
.19"
1.63"
110A to
200A
2.25˝
0.50˝ 0.81˝
2.38˝
0.63˝ 1.06˝
Recommended fuse blocks and holders:
Fuse
amps
1-Pole
2-Pole
3-Pole
“Pyramid” blocks (data sheet No. 1108)
up to 30
—
—
JP60030-3_
CH holders (data sheet No. 2144)
up to 30
CH30J1_
CH30J2_
CH30J3_
35-60
CH60J1_
CH60J2_
CH60J3_
Safety J™ holders (data sheet No. 1152)
up to 30
JT60030_
—
—
35-60
JT60060_
—
—
JM modular fuse blocks (data sheet No. 3192 and 10289)
up to 30
JM60030-1_
JM60030-2_
JM60030-2_
35-60
JM60060-1CR
JM60060-2CR
JM60060-3CR
70-100
JM60100-1CR
JM60100-2CR
JM60100-3CR
110-200
JM60200-1CR
JM60200-2CR
JM60200-3CR
225-400
JM60400-1CR
JM60400-2CR
JM60400-3CR
450-600
JM60600-1CR
JM60600-2CR
JM60100-3CR
JM power distribution fuse blocks (data sheet No. 10192)
up to 30
JM60030-1MW_
JM60030-2MW_
JM60030-3MW_
35-60
JM60060-1MW_
JM60060-2MW_
JM60060-3MW_
70-100
JM60100-1MW14
JM60100-2MW14
JM60100-3MW14
110-200
JM60200-1MW16
JM60200-2MW16
JM60200-3MW16
225-400
JM60400-1MW16
JM60400-2MW16
JM60400-3MW16
JM60400-1MW26*
JM60400-2MW26*
JM60400-3MW26*
* Lineside dual box lug terminal.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com