Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FRN-R-1/2 Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # FRN-R-1/2
Description  Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

FRN-R-1/2 Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  FRN-R-1/2 Datasheet HTML 1Page - Eaton All Rights Reserved. FRN-R-1/2 Datasheet HTML 2Page - Eaton All Rights Reserved. FRN-R-1/2 Datasheet HTML 3Page - Eaton All Rights Reserved. FRN-R-1/2 Datasheet HTML 4Page - Eaton All Rights Reserved. FRN-R-1/2 Datasheet HTML 5Page - Eaton All Rights Reserved. FRN-R-1/2 Datasheet HTML 6Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Technical Data1019
Effective February 2016
Supersedes July 2013
Fusetron™ FRN-R Class RK5 250Vac/125Vdc
1⁄10-60A, dual element, time-delay fuses
Catalog symbols:
• FRN-R-_ (non-indicating)
• FRN-R-_ID (indicating)
Description:
Eaton Bussmann® series advanced protection,
energy efficient FRN-R Class RK5 dual element,
current-limiting, time-delay fuses with optional
open fuse indication on select ratings. Time-delay
– 10 seconds (minimum) at 500% of rated current
(8 seconds for 1⁄10-30A sizes).
Specifications:
Ratings
• Volts
• 250Vac
• 125Vdc
• Amps 1⁄10-60A
• Interrupting rating
• 200kA Vac RMS Sym.
• 20kA Vdc
Agency information
• UL Listed, Std. 248-12, Class RK-5, Guide
JDDZ, File E4273
• CSA Certified, C22.2 No. 248.12, Class 1422-
02, File 53787
• CE
Catalog numbers (amps) — non-indictaing fuses
FRN-R-1⁄10
FRN-R-1-8⁄10
FRN-R-8*
FRN-R-1⁄8
FRN-R-2
FRN-R-9*
FRN-R-15⁄100
FRN-R-2-1⁄4
FRN-R-10*
FRN-R-2⁄10
FRN-R-2-1⁄2
FRN-R-12*
FRN-R-1⁄4
FRN-R-2-8⁄10
FRN-R-15*
FRN-R-3⁄10
FRN-R-3
FRN-R-17-1⁄2*
FRN-R-4⁄10
FRN-R-3-2⁄10
FRN-R-20*
FRN-R-1⁄2
FRN-R-3-1⁄2
FRN-R-25*
FRN-R-6⁄10
FRN-R-4
FRN-R-30*
FRN-R-8⁄10
FRN-R-4-1⁄2
FRN-R-35*
FRN-R-1
FRN-R-5
FRN-R-40*
FRN-R-1-1⁄8
FRN-R-5-6⁄10
FRN-R-45*
FRN-R-1-1⁄4
FRN-R-6
FRN-R-50*
FRN-R-1-4⁄10
FRN-R-6-1⁄4
FRN-R-60*
FRN-R-1-1⁄2
FRN-R-7
FRN-R-1-6⁄10
FRN-R-7-1⁄2
* Open fuse indication available by inserting the sufix “ID.”
E.g., FRN-R-15ID.
Carton Quantity:
Amp rating
Carton qty.
1⁄10 – 60
10
Features:
• Provides motor overload, ground fault and
short-circuit protection
• Helps protect motors against burnout from
overloads
• Helps protect motors against burnout from
single-phasing on three-phase systems
• Simplifies and improves blackout prevention
(selective coordination)
• Dual-element fuses can be applied in circuits
subject to temporary motor overloads and surge
currents to provide both high performance
short-circuit and overload protection
• The overload element provides protection
against low level overcurrent of overloads
and will hold an overload which is five times
greater than the ampere rating of the fuse for a
minimum of ten seconds


Similar Part No. - FRN-R-1/2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRN-R-1/2 COOPER-FRN-R-1/2 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
More results

Similar Description - FRN-R-1/2

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
FRN-R-30 COOPER-FRN-R-30 Datasheet
332Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 - 250 Volt
FRN-R-8 COOPER-FRN-R-8 Datasheet
269Kb / 3P
FRN-R ??250Vac/125Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
logo
List of Unclassifed Man...
ECNR60 ETC2-ECNR60 Datasheet
254Kb / 2P
Class RK5 250Vac, 1 to 60A Dual-Element, Time-Delay Fuses
logo
Cooper Bussmann, Inc.
FRS-R-50 COOPER-FRS-R-50 Datasheet
74Kb / 2P
Dual-Element, Time-Delay Fuses Class RK5 600 Volt
FRS-R-20 COOPER-FRS-R-20 Datasheet
297Kb / 3P
FRS-R - 600Vac/300Vdc, 1??0-60A, Dual Element, Time-Delay Fuses
FRN-R-70 COOPER-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
FRN-R-1 COOPER-FRN-R-1 Datasheet
672Kb / 6P
Fusetron??FRN-R Class RK5 250Vac/125Vdc 1??0-60A, dual element, time-delay fuses
logo
List of Unclassifed Man...
FRN-R-70 ETC2-FRN-R-70 Datasheet
577Kb / 4P
FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
logo
Eaton All Rights Reserv...
FRN-R-70 EATON-FRN-R-70 Datasheet
577Kb / 4P
Fusetron??FRN-R Class RK5 250Vac, 125/250Vdc 70-600A, dual element, time-delay fuses
ECSR EATON-ECSR Datasheet
197Kb / 2P
Class RK5 600Vac, 1 to 60A Dual-Element, Time-Delay Fuses
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com