Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC71P080A Datasheet(PDF) 12 Page - Generalplus Technology Inc.

Part # GPC71P080A
Description  4-bit Speech with SPU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC71P080A Datasheet(HTML) 12 Page - Generalplus Technology Inc.

Back Button GPC71P080A Datasheet HTML 8Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 9Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 10Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 11Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 12Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 13Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 14Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 15Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 16Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
GPC71PXXXA
© Generalplus Technology Inc.
Proprietary & Confidential
12
Dec. 20, 2016
Version: 1.2
9 APPLICATION CIRCUITS
9.1 Light Loading and Circuit without Noise
VDD
PVDD
PVSS
AUDP
IOA[3:0]
AUDN
IOA[3:0]
IOB[3:0]
IOB[3:0]
IOC[3:0]
IOC[3:0]
IOD[3:0]
IOD[3:0]
PVDD
PVSS
VDDIO
VSS
VSS1
REGOUT
NC
VSS2
VSS
Battery
PVDD
PVSS
0.1u
C1
VDD
VPP
VPP
VDDTRM
NC
TEST
NC
PCB Layout Guidelines:
1. PVDD may be greater than or equal to VDD.
2. VSS, PVSS must be connected to ground input directly, not the branch of each other.
3. When using two batteries, 0.1uF ~ 4.7uF is suggested for C1, and it should be increased in a high volume application.
4. IOC/IOD isn
’t supported in GPC71P032A/GPC71P016A.
5. There is no
“TEST” pin in GPC71P032A/GPC71P016A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com