Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPC71P080A Datasheet(PDF) 13 Page - Generalplus Technology Inc.

Part # GPC71P080A
Description  4-bit Speech with SPU
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPC71P080A Datasheet(HTML) 13 Page - Generalplus Technology Inc.

Back Button GPC71P080A Datasheet HTML 9Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 10Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 11Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 12Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 13Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 14Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 15Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 16Page - Generalplus Technology Inc. GPC71P080A Datasheet HTML 17Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
GPC71PXXXA
© Generalplus Technology Inc.
Proprietary & Confidential
13
Dec. 20, 2016
Version: 1.2
9.2 Heavy Loading or Circuit with Noise
VDD
PVDD
PVSS
AUDP
IOA[3:0]
AUDN
IOA[3:0]
IOB[3:0]
IOB[3:0]
IOC[3:0]
IOC[3:0]
IOD[3:0]
IOD[3:0]
PVDD
PVSS
VDDIO
VSS
VSS1
REGOUT
VSS2
VSS
Battery
PVDD
PVSS
0.1u
C1
10
C2
47u
VDD
0.1u
C3
VPP
VPP
R1
VSS
0.1u~2.2u
C3
VDDTRM
NC
TEST
NC
PCB Layout Guidelines:
1. PVDD may be greater than or equal to VDD.
2. VSS, PVSS must be connected to ground input directly, not the branch of each other.
3. A typical value of C1 is 47uf, and it should vary in different loadings.
4. If there is application with motor, REGOUT should be connected with C3.
5. IOC/IOD isn
’t supported in GPC71P032A/GPC71P016A.
6. There is no
“TEST” pin in GPC71P032A/GPC71P016A.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com