Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8308I Datasheet(PDF) 10 Page - Integrated Circuit Systems

Part # ICS8308I
Description  Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8308I Datasheet(HTML) 10 Page - Integrated Circuit Systems

Back Button ICS8308I Datasheet HTML 6Page - Integrated Circuit Systems ICS8308I Datasheet HTML 7Page - Integrated Circuit Systems ICS8308I Datasheet HTML 8Page - Integrated Circuit Systems ICS8308I Datasheet HTML 9Page - Integrated Circuit Systems ICS8308I Datasheet HTML 10Page - Integrated Circuit Systems ICS8308I Datasheet HTML 11Page - Integrated Circuit Systems ICS8308I Datasheet HTML 12Page - Integrated Circuit Systems ICS8308I Datasheet HTML 13Page - Integrated Circuit Systems ICS8308I Datasheet HTML 14Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
8308AGI
www.icst.com/products/hiperclocks.html
REV. B JULY 25, 2005
10
Integrated
Circuit
Systems, Inc.
ICS8308I
LOW SKEW, 1-TO-8
DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
APPLICATION INFORMATION
Figure 1 shows how the differential input can be wired to accept
single ended levels. The reference voltage V_REF = V
DD/2 is
generated by the bias resistors R1, R2 and C1. This bias circuit
should be located as close as possible to the input pin.The ratio
FIGURE 1. SINGLE ENDED SIGNAL DRIVING DIFFERENTIAL INPUT
of R1 and R2 might need to be adjusted to position the V_REF in
the center of the input voltage swing. For example, if the input
clock swing is only 2.5V and V
DD = 3.3V, V_REF should be 1.25V
and R2/R1 = 0.609.
WIRING THE DIFFERENTIAL INPUT TO ACCEPT SINGLE ENDED LEVELS
V_REF
R1
1K
C1
0.1u
R2
1K
Single Ended Clock Input
CLK
nCLK
VDD
INPUTS:
CLK INPUT:
For applications not requiring the use of the test clock, it can
be left floating. Though not required, but for additional
protection, a 1k
Ω resistor can be tied from the CLK input to
ground.
CLK/nCLK INPUT:
For applications not requiring the use of the differential input,
both CLK and nCLK can be left floating. Though not required,
but for additional protection, a 1k
Ω resistor can be tied from
CLK to ground.
SELECT PINS:
All select pins have internal pull-ups and pull-downs;
additional resistance is not required but can be added for
additional protection. A 1k
Ω resistor can be used.
RECOMMENDATIONS FOR UNUSED INPUT AND OUTPUT PINS
OUTPUTS:
LVCMOS OUTPUT:
All unused LVCMOS output can be left floating. We
recommend that there is no trace attached.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com