Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8308I Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS8308I
Description  Low Skew, 1-To-8 Differential/LVCOMS-TO-LVCMOS Fanout Buffer
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8308I Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS8308I Datasheet HTML 1Page - Integrated Circuit Systems ICS8308I Datasheet HTML 2Page - Integrated Circuit Systems ICS8308I Datasheet HTML 3Page - Integrated Circuit Systems ICS8308I Datasheet HTML 4Page - Integrated Circuit Systems ICS8308I Datasheet HTML 5Page - Integrated Circuit Systems ICS8308I Datasheet HTML 6Page - Integrated Circuit Systems ICS8308I Datasheet HTML 7Page - Integrated Circuit Systems ICS8308I Datasheet HTML 8Page - Integrated Circuit Systems ICS8308I Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
8308AGI
www.icst.com/products/hiperclocks.html
REV. B JULY 25, 2005
1
Integrated
Circuit
Systems, Inc.
ICS8308I
LOW SKEW, 1-TO-8
DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
BLOCK DIAGRAM
PIN ASSIGNMENT
ICS8308I
24-Lead, 300-MIL TSSOP
4.4mm x 7.8mm x 0.92mm body package
G Package
Top View
Q0
GND
CLK_SEL
LVCMOS_CLK
CLK
nCLK
CLK_EN
OE
VDD
GND
Q1
VDDO
VDDO
Q2
GND
Q3
VDDO
Q4
GND
Q5
VDDO
Q6
GND
Q7
GENERAL DESCRIPTION
The ICS8308I is a low-skew, 1-to-8 Fanout Buffer
and a member of the HiPerClockS™ family of
High Performance Clock Solutions from ICS. The
ICS8308I has two selectable clock inputs. The
CLK, nCLK pair can accept most differential input
levels. The LVCMOS_CLK can accept LVCMOS or LVTTL
input levels. The low impedance LVCMOS/LVTTL outputs
are designed to drive 50
Ω series or parallel terminated
transmission lines. The effective fanout can be increased
from 8 to 16 by utilizing the ability of the outputs to drive two
series terminated transmission lines.
The ICS8308I is characterized for 3.3V core/3.3V output,
3.3V core/2.5V output or 2.5V core/2.5V output operation.
Guaranteed output and part-part skew characteristics make
the 8308I ideal for those clock distribution applications requiring
well defined performance and repeatability.
FEATURES
• 8 LVCMOS/LVTTL outputs (7Ω typical output impedance)
• Selectable LVCMOS_CLK or differential CLK, nCLK
inputs
• CLK, nCLK pair can accept the following differential
input levels: LVPECL, LVDS, LVHSTL, SSTL, HCSL
• Maximum Output Frequency: 350MHz
• Output Skew: (3.3V± 5%): 100ps (maximum)
• Part to Part Skew: (3.3V± 5%): 1ns (maximum)
• Supply Voltage Modes:
(Core/Output)
3.3V/3.3V
3.3V/2.5V
2.5V/2.5V
• -40°C to 85°C ambient operating temperature
• Available in both, Standard and RoHS/Lead-Free
compliant packages
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
Q0
Q1
Q2
Q3
Q4
Q5
Q6
Q7
LVCMOS_CLK
CLK
nCLK
CLK_SEL
CLK_EN
OE
D
LE
Q
1
0
Pullup
Pullup
Pullup
Pulldown
Pullup
Pullup


Similar Part No. - ICS8308I

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
More results

Similar Description - ICS8308I

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS8344-01 ICST-ICS8344-01 Datasheet
141Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B AUGUST 6, 2001
ICS8344 ICST-ICS8344 Datasheet
131Kb / 15P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. B FEBRUARY 2, 2001
ICS8344I ICST-ICS8344I Datasheet
142Kb / 16P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A AUGUST 9, 2001
ICS83948I-01 ICST-ICS83948I-01 Datasheet
87Kb / 11P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. A SEPTEMBER 23, 2002
ICS83948I ICST-ICS83948I Datasheet
110Kb / 10P
LOW SKEW, 1-TO-12 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
REV. C DECEMBER 15, 2005
logo
Integrated Device Techn...
ICS8308I IDT-ICS8308I Datasheet
300Kb / 16P
LOW SKEW, 1-TO-8 DIFFERENTIAL/LVCMOS-TO-LVCMOS FANOUT BUFFER
ICS8344 IDT-ICS8344 Datasheet
141Kb / 18P
LOW SKEW, 1-TO-24 DIFFERENTIAL-TO-LVCMOS FANOUT BUFFER
logo
Renesas Technology Corp
8305-02 RENESAS-8305-02 Datasheet
1Mb / 21P
Low Skew, 1-to-4 Multiplexed Differential/ LVCMOS-to-LVCMOS Fanout Buffer
May 19, 2016
83948I-01 RENESAS-83948I-01 Datasheet
144Kb / 13P
Low Skew, 1-to-12 Differential-to- LVCMOS Fanout Buffer
March 18, 2016
8308I RENESAS-8308I Datasheet
375Kb / 17P
Low Skew, 1-to-8 Differential/LVCMOS-to- LVCMOS Fanout Buffer
December 10, 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com