Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2621-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # 2621-R
Description  Class H/K, J and R ferrule and blade fuse reducers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

2621-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  2621-R Datasheet HTML 1Page - Eaton All Rights Reserved. 2621-R Datasheet HTML 2Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Technical Data 1118
Effective February 2017
Supersedes June 2016
BUSSMANN
SERIES
Catalog symbols:
•
NO._ (Class H/K)
•
NO._-R (Class R)
•
J-_ (Class J)
Description:
A range of Bussmann™ series fuse reducers for
Class H/K, J and R ferrule and blade fuses.
Fuse reducers install on fuse ferrules or blades to
permit the application of smaller size fuses than
those for which the fuse blocks or holders are
designed.
The following conditions and limitations apply to
the fuse reducers listed in this data sheet:
•
There are no reducers to fit a 250 V fuse into a
600 V block or a 600 V fuse into a 250 V block.
•
Fuse reducers for fuse blocks or holders
intended for current-limiting fuses will not
accept non-current limiting fuses.
•
There are no reducers for Class T fuses.
•
By design, Class L fuses do not require
reducers.
Further limitations are detailed in the catalog
number tables.
Class H/K, J and R ferrule and blade fuse reducers
Specifications:
Ratings
•
Volts
•
250 V (Class H, K and R)
•
600 V (Class H, J, K and R)
•
Amps 30-600 A
•
Short-circuit Current Rating (SCCR) up to fuse
interrupting rating
Agency information†
•
UL® Listed, Guide IZZR, File E12853
•
CSA® Certified, Class 6225-01, File 47235
•
RoHS compliant
† See catalog number tables for exceptions.
Features:
•
Reducers fit into most panels or switches
including the dead-front type
•
Strong contact is maintained both mechanically
and electrically
Class J fuse reducers*
For Bussmann series LPJ and JKS fuses.
Fuse size
Amp size of
fuse block or
disconnect switch
Catalog no.
(pair)
Up to 30 A
60 A
J-63
Up to 30 A
100 A
J-13
35 to 60 A
100 A
J-16
35 to 60 A
200 A††
J-26
65 to 100 A
200 A††
J-21
65 to 100 A
400 A††
J-41
110 to 200 A
400 A††
J-42†††
110 to 200 A
600 A††
J-62
225 to 400 A
600 A††
J-64
*
These reducers are not CSA Certified or UL Listed.
†† Not for bolt-on fuse applications.
††† Not compatible with JKS fuses.
Note: Carton quantity - 10 pair.


Similar Part No. - 2621-R

ManufacturerPart #DatasheetDescription
logo
Heyco.
2621 HEYCO-2621 Datasheet
141Kb / 1P
Glossy and Thick Panel Glossy Plugs
logo
Adafruit Industries
2621 ADAFRUIT-2621 Datasheet
456Kb / 3P
Espruino Pico
logo
Turck, Inc.
26210 TURCK-26210 Datasheet
901Kb / 2P
Capacitive Sensor
11/07/2023
logo
Integrated Technology F...
262101B ITF-262101B Datasheet
179Kb / 2P
200.0 MHz SAW Filter
Rev 1.0 2013. 03. 25
logo
Turck, Inc.
26211 TURCK-26211 Datasheet
900Kb / 2P
Capacitive Sensor
11/07/2023
More results

Similar Description - 2621-R

ManufacturerPart #DatasheetDescription
logo
Littelfuse
LH25030-1 LITTELFUSE-LH25030-1 Datasheet
623Kb / 5P
Class H/K5 and R Fuse Blocks
LFJ600601CID LITTELFUSE-LFJ600601CID Datasheet
2Mb / 6P
LF SEIRES CLASS H/K5 AND R FUSE BLOCKS
logo
Cooper Bussmann, Inc.
J-63 COOPER-J-63 Datasheet
372Kb / 2P
Class H (K), J and R ferrule and blade fuse reducers
JM60030-1MW14 COOPER-JM60030-1MW14 Datasheet
4Mb / 9P
Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
HM25060-1MW12 COOPER-HM25060-1MW12 Datasheet
5Mb / 11P
Up to 60 A Class H(K) 250 V and 600 V ferrule power distribution fuse blocks
HM25030-1CR COOPER-HM25030-1CR Datasheet
3Mb / 8P
Class H(K), J and R modular ferrule fuse blocks
logo
List of Unclassifed Man...
JM60030-1CR ETC1-JM60030-1CR Datasheet
5Mb / 12P
Class J modular ferrule and knifeblade fuse blocks
JM60030-1MW14 ETC1-JM60030-1MW14 Datasheet
4Mb / 9P
Up to 400 A Class J ferrule and knifeblade power distribution fuse blocks
logo
Littelfuse
LFH250301 LITTELFUSE-LFH250301_V01 Datasheet
1Mb / 6P
LF SERIES CLASS H/K5 AND R FUSE BLOCKS
Rev: 010821
logo
Marathon Special Produc...
RF100AXB MARATHON-RF100AXB Datasheet
496Kb / 2P
Reinforced Class H and K Fuse Holder 100Amps,250VoltsAC/DC
REV C 9/07/11
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com