Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPN-RK-70SP Datasheet(PDF) 3 Page - Eaton All Rights Reserved.

Part # LPN-RK-70SP
Description  LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPN-RK-70SP Datasheet(HTML) 3 Page - Eaton All Rights Reserved.

  LPN-RK-70SP Datasheet HTML 1Page - Eaton All Rights Reserved. LPN-RK-70SP Datasheet HTML 2Page - Eaton All Rights Reserved. LPN-RK-70SP Datasheet HTML 3Page - Eaton All Rights Reserved. LPN-RK-70SP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Technical Data 1004
Effective August 2018
LPN-RK — 250 Vac/dc, 70-600 A, dual element, time-delay fuses
Eaton.com/bussmannseries
Time-current curves - average melt
NOTE: 60 Amp fuse curve is ferrule style and included to show
only relative performance. For actual 60 amp time-current curve
performance, see data sheet no. 1003.
CURRENT IN AMPS
AMP RATING



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com