Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPN-RK-70SP Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # LPN-RK-70SP
Description  LPN-RK ??250 Vac/dc, 70-600 A, dual element, time-delay fuses
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

LPN-RK-70SP Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  LPN-RK-70SP Datasheet HTML 1Page - Eaton All Rights Reserved. LPN-RK-70SP Datasheet HTML 2Page - Eaton All Rights Reserved. LPN-RK-70SP Datasheet HTML 3Page - Eaton All Rights Reserved. LPN-RK-70SP Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Eaton.com/bussmannseries
LPN-RK — 250 Vac/dc, 70-600 A, dual element, time-delay fuses
Technical Data 1004
Effective August 2018
Follow us on social media to get the
latest product and support information.
The only controlled copy of this data sheet is the electronic read-only version located on the Eaton network drive. All other copies of this document are
by definition uncontrolled. This bulletin is intended to clearly present comprehensive product data and provide technical information that will help the
end user with design applications. Eaton reserves the right, without notice, to change design or construction of any products and to discontinue or limit
distribution of any products. Eaton also reserves the right to change or update, without notice, any technical information contained in this bulletin. Once
a product has been selected, it should be tested by the user in all possible applications.
Eaton, Bussmann and Low-Peak are valuable
trademarks of Eaton in the U.S. and other
countries. You are not permitted to use
the Eaton trademarks without prior written
consent of Eaton.
CSA is a registered trademark of the Canadian
Standards Group.
UL is a registered trademark of the
Underwriters Laboratories, Inc.
Eaton
1000 Eaton Boulevard
Cleveland, OH 44122
Eaton.com
Bussmann Division
114 Old State Road
Ellisville, MO 63021
United States
Eaton.com/bussmannseries
© 2018 Eaton
All Rights Reserved
Printed in USA
Publication No. 1004 — BU-SB13687
August 2018
Current-limitation curves
Current-limiting effects
Prosp.
S.C.C.
Let-through current (apparent RMS Sym. vs. fuse rating)
—
100 A
200 A
400 A
600 A
1000
1000
1000
1000
1000
2000
2000
2000
2000
2000
3000
2000
3000
3000
3000
5000
2000
3000
5000
5000
10,000
3000
4000
7000
9000
15,000
3000
5000
8000
11,000
20,000
3000
5000
8000
11,000
25,000
3000
5000
9000
12,000
30,000
4000
6000
9000
12,000
35,000
4000
6000
10,000
13,000
40,000
4000
6000
10,000
13,000
50,000
4000
7000
11,000
14,000
60,000
4000
7000
11,000
16,000
70,000
4000
7000
12,000
16,000
80,000
5000
8000
12,000
16,000
90,000
5000
7000
13,000
17,000
100,000
5000
8000
13,000
17,000
150,000
6000
9000
15,000
19,000
200,000
6000
11,000
16,000
20,000
250,000
7000
11,000
17,000
21,000
300,000
7000
12,000
18,000
22,000
B
600A
400A
200A
100A
RMS SYMMETRICAL CURRENT IN AMPS
A-B = ASYMMETRICAL AVAILABLE PEAK (2.3 X SYM RMS AMPS)
400,000
9000
8000
7000
6000
300,000
200,000
100,000
5000
4000
90,000
3000
2000
1000
80,000
70,000
60,000
50,000
40,000
30,000
20,000
10,000
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com