Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL4510 Datasheet(PDF) 1 Page - SiPower Inc.

Part # 2CL4510
Description  High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CL4510 Datasheet(HTML) 1 Page - SiPower Inc.

  2CL4510 Datasheet HTML 1Page - SiPower Inc. 2CL4510 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2CL4510
High Voltage Diodes for Micro-Wave Oven
Features
Outline Dimensions and Mark
IF AV 450mA
Unit mm
VRRM 10kV
High reliability
Applications
Rectification for high voltage power supply
of magnetron in Micro wave oven and others
.
.
Limiting Values
Absolute Maximum Rating
Item
Symbol
Unit
2CL4510
Repetitive Peak Reverse Voltage
VRRM
kV
10
Average Forward Current
IF(AV)
mA
450
(50HZHalf-sine wave, Resistance load, Ta 60 )
Forward Surge Current
IFSM
A
30
50HZHalf-sine wave,Ta=25
Reverse Surge Current
IRSM
mA
100
(WP=1ms, Rectangular-wave, One-shot, Ta=25 )
Virtual Junction Temperature
T(vj)
130
Storage Temperature
Tstg
-40 ~ +130
Cooling Requirement: Cathode terminal is fastened to radiating fin that size is more than 50mm 50mm
0.6mm Wind-cooled velocity is
more than 0.5m/s
Electrical Characteristics Ta=25
Unless otherwise specified
Item
Symbol
Unit
Test Condition
2CL4510
Peak Forward Voltage
VFM
V
IFM=450mA
10
Peak Reverse Current
IRRM1
A
VRM=VRRM
5
Avalanche Breakdown Voltage
V BR
kV
IR=100 A
12.0
Type
Code
Cathode Mark
2CL4510
T4510
Code Lot No.
7.5 0.5
1.2
0.03
22
0.5
22min
22min
Cathode Mark
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology


Similar Part No. - 2CL4510

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2CL4510 YFWDIODE-2CL4510 Datasheet
400Kb / 2P
High voltage silicon diodes for micro-wave oven
More results

Similar Description - 2CL4510

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSHV85U ETC2-MSHV85U Datasheet
127Kb / 3P
High Voltage Diodes
logo
SUNMATE electronic Co.,...
HVM16 SUNMATE-HVM16 Datasheet
395Kb / 1P
HIGH VOLTAGE DIODES
HVP-16 SUNMATE-HVP-16 Datasheet
273Kb / 1P
HIGH VOLTAGE DIODES
logo
SiPower Inc.
2CL2060 SIPOWER-2CL2060 Datasheet
62Kb / 2P
High Voltage Diodes
2CL3509H SIPOWER-2CL3509H Datasheet
58Kb / 2P
High Voltage Diodes
2CL4509H SIPOWER-2CL4509H Datasheet
68Kb / 2P
High Voltage Diodes
2CLG1015 SIPOWER-2CLG1015 Datasheet
61Kb / 2P
High Voltage Diodes
2CLG3508 SIPOWER-2CLG3508 Datasheet
66Kb / 2P
High Voltage Diodes
2CLS01 SIPOWER-2CLS01 Datasheet
56Kb / 2P
High Voltage Diodes
logo
DONGGUAN YOU FENG WEI E...
2CL2050 YFWDIODE-2CL2050 Datasheet
374Kb / 2P
High voltage diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com