Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CL4510 Datasheet(PDF) 2 Page - SiPower Inc.

Part # 2CL4510
Description  High Voltage Diodes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPOWER [SiPower Inc.]
Direct Link  http://www.sipower.us/
Logo SIPOWER - SiPower Inc.

2CL4510 Datasheet(HTML) 2 Page - SiPower Inc.

  2CL4510 Datasheet HTML 1Page - SiPower Inc. 2CL4510 Datasheet HTML 2Page - SiPower Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.001
.
Safety Test
3mm Wide metal film is rolled on the surface
middle of diode body
1.Insulation Resistance Test:500V DC voltage is
added between A and B. The measurement by
insulation resistance meter is big than 1000M
.
2.Resistance
To
Voltage
Strength
Test:
15kV
half-sine wave voltage is added between A and B for one
minute and no breakdown or arc in insulation oil.
Forward Characteristics
VRM kV
0
3
6
9
12
15
Reverse Characteristics
600
450
300
150
0
0.01
1.0
0.1
IF AV
Ta Derating
0
20
40
60
80
100
120
140
600
450
300
150
0
Ta
0
3
6
9
12
15
18
VFM
V
Breakdown Voltage Distribution
10
11
12
13
14
15
16
17
V(BR) kV
100
80
60
40
20
0
Ta =25
Ta =25
IR=100
A
N=100pcs.
Ta =25
Characteristics(Typical)
http://
www.sipower-inc.com
SiPower - The official marketing arm of Zhonghuan Semiconductor
Power Semiconductor Technology
2CL4510
High Voltage Diodes for Micro-Wave Oven



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com