Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPF32001A Datasheet(PDF) 21 Page - Generalplus Technology Inc.

Part # GPF32001A
Description  Advanced 16-Bit SoC with u nSP 2.0
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF32001A Datasheet(HTML) 21 Page - Generalplus Technology Inc.

Back Button GPF32001A Datasheet HTML 13Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 14Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 15Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 16Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 17Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 18Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 19Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 20Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 21Page - Generalplus Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
GPF32001A
© Generalplus Technology Inc.
Proprietary & Confidential
21
Nov. 29, 2016
Version: 1.0
10. REVISION HISTORY
Date
Revision #
Description
Page
Nov. 29, 2016
1.0
Add ICEDA, ICECK pin description in 4.SIGNAL DESCRIPTION.
5
MAR. 25, 2010
0.5
1. Modify 4.SIGNAL DESCRIPTION.
2. Add VOH/VOL information.
7
15
Oct. 17, 2008
0.4
1. Modify test pin descriptions.
2. Modify ROM descriptions.
6
4
MAY 29, 2008
0.3
1. Modify regulator characteristic.
2. Modify ADC C30 to 4.7uF.
16
17
MAR. 06, 2008
0.2
1. Modify standby current to 40uA(typ.) and 80uA(max.).
2. Modify operating current to 60mA.
3. Modify ADC resolution to 12-bit.
15
OCT. 17, 2007
0.1
Preliminary version.
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com