Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GPF32001A Datasheet(PDF) 4 Page - Generalplus Technology Inc.

Part # GPF32001A
Description  Advanced 16-Bit SoC with u nSP 2.0
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERALPLUS [Generalplus Technology Inc.]
Direct Link  http://www.generalplus.com
Logo GENERALPLUS - Generalplus Technology Inc.

GPF32001A Datasheet(HTML) 4 Page - Generalplus Technology Inc.

  GPF32001A Datasheet HTML 1Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 2Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 3Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 4Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 5Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 6Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 7Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 8Page - Generalplus Technology Inc. GPF32001A Datasheet HTML 9Page - Generalplus Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
GPF32001A
© Generalplus Technology Inc.
Proprietary & Confidential
4
Nov. 29, 2016
Version: 1.0
Advanced 16-Bit SoC with
’nSP® 2.0
1. GENERAL DESCRIPTION
The Generalplus GPF32001A is highly integrated system-on-a
chip
and
targets
a
cost-effective,
high
performance
micro-controller solution for electronic dictionary, education and
learning applications.
It embeds a
’nSP® 2.0 (16-bit CPU
developed by Sunplus) with 4KB I-cache, 32 channels sound
process
unit
(SPU),
SDRAM
controller,
ROM/SRAM/NOR
FLASH/NAND FLASH with ECC Memory controller, UART/IrDA
interface, four channel DMA controller, six-channel 16-bit timers,
SD/MMC
memory
interface,
USB
mini-host/device,
mono
STN-LCD
and
TFT-LCD
interface,
interrupt
controller,
SPI
master/slave controller, Key scan controller, programmable I/O
ports, 16-bit DAC for audio playback, 12-bit ADC, PLL, and
embedded 28K*16-bit SRAM.
By providing a complete set of common system peripherals, the
Generalplus GPF32001A chip minimizes overall system costs and
eliminates the need to configure additional components.
The
GPF32001A provides not only the high-speed performance and
low cost for a system, but it also integrates several powerful tools
into the development system, such as development system with C
language, assembly compiler, linker, source debugger functions
and project management tools.
2. BLOCK DIAGRAM
SDRAM
ROM/RAM/
NOR FLASH
NAND FLASH
Controller
’nSP™ 2.0
With ICE
Key SCAN
USB Transceiver
RTC
PLL
16-bits DACx2
5ch 12-bits ADC
Regulator
System Control
DAC/ADC Control
SRAM 28K*16
4-ch DMA
USB
mini-host/device
Controller
UART/IrDA
SPI Master/Slave
Serial IO
STN/TFT-LCD
SD/MMC Controllerx2
6 Timers
2K*16 I-Cache
32-ch SPU
Video-In
CMOS Sensor
3. FEATURES
’nSP® 2.0 16-bit CPU with frequency up to 96MHz.
 4K bytes I-cache.
 28k*16-bit SRAM for programming or LCD frame buffers.
 Sound Process Unit (SPU)
 32 hardware PCM/ADPCM channels.
 Built-in sound compressor.
 MP3 decoder.
 Video-in/CMOS sensor interface supports CCIR601/CCIR656
standard.
 96 MHz SDRAM with maximum size 64M bytes for single chip
selection.
 Static memory controller. (ROM/ SRAM/ NOR FLASH/ Page
Memory/ NAND FLASH with ECC)
 Four-channel DMA controller.
 Mono and 16 gray STN-LCD controller.
 TFT-LCD controller which can be UPS051 (serial RGB),
UPS052 (serial RGB dummy), parallel RGB, i80 (8-bit/16-bit
system bus) I/F type, and CCIR601/CCIR656.
 Twenty-eight sources Interrupt Controller.
 Universal Serial Bus (USB) 2.0 full speed compliant device and
USB mini-host with built-in transceiver.
 Watchdog timer.
 Real-time clock.
 Six 16-bit timers.
 Two sets SD/MMC memory interface.
 SPI master/slave interface.
 UART (asynchronous serial I/O) or IrDA interface.
 74 Programmable general I/O ports (GPIO) with pull-high/low
control.
 64/88 keys scan controller with velocity detection.
 Power manager.
 Built-in 3.0V to 1.8V Regulator.
 Low voltage reset.
 96MHz, 27MHz and 12MHz PLL.
 16-bit stereo DAC (2ch) for audio playback.
 12-bit ADC with 4 line-in and 1 microphone input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com