Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP818ZCT Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY2DP818ZCT
Description  1:8 Clock Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZCT Datasheet(HTML) 6 Page - Cypress Semiconductor

  CY2DP818ZCT Datasheet HTML 1Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 2Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 3Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 4Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
ComLink™ Series
CY2DP818
Document #: 38-07061 Rev. *A
Page 6 of 8
Notes:
6.
See Table 3.
7.
LVPECL or LVDS differential input value.
0.0V
100%
80%
20%
0%
tR
tF
1.4V
1.0V
VI(A)
VI(B)
TPA
TPC
TPB
50
50
GND
150
150
Standard Termination
Pulse
Generator
A
B
10pF
VDD-2V
Figure 3. Test Circuit and Voltage Definitions for the Differential Output Signal[2,3,4,5]
1
InConfig
LVC M OS / LVTTL
LVTTL/LVCMOS
INPUT A
INPUT B
GND
Figure 4. [6]
In C o n fig
LV PE C L &
LV D S
L V DS/L V PECL
0
Figure 5. [7]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com