Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY2DP818ZCT Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # CY2DP818ZCT
Description  1:8 Clock Fanout Buffer
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY2DP818ZCT Datasheet(HTML) 3 Page - Cypress Semiconductor

  CY2DP818ZCT Datasheet HTML 1Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 2Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 3Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 4Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 5Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 6Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 7Page - Cypress Semiconductor CY2DP818ZCT Datasheet HTML 8Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ComLink™ Series
CY2DP818
Document #: 38-07061 Rev. *A
Page 3 of 8
Table 3. Function Control of the TTL Input Logic used to Accept or Invert the Input Signal
LVTTL/LVCMOS Input Logic
Input Condition
Input Logic
Output Logic Q Pins, Q1A or Q1
Ground
Input B (–) Pin 11
Input A (+) Pin 10
Input
True
VCC
Input B (–) Pin 11
Input A (+) Pin 10
Input
Invert
Ground
Input A (+) Pin 10
Input B (–) Pin 11
Input
Invert
VCC
Input A (+) Pin 10
Input B (–) Pin 11
Input
True
Table 4. DC Electrical Characteristics: 3.3V–LVDS Input
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VID
Magnitude of Differential Input Voltage
100
600
mV
VIC
Common-mode of Differential Input
VoltageIVIDI (min. and max.)
IVIDI/2 2.4–(IVIDI/2)
V
VIH
Input High Voltage
Guaranteed Logic High Level
2
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
0.8
V
IIH
Input High Current
VDD = Max.
VIN = VDD
±10
±20
µA
IIL
Input Low Current
VDD = Max.
VIN = VSS
±10
±20
µA
II
Input High Current
VDD = Max., VIN = VDD(Max.)
±20
µA
Table 5. DC Electrical Characteristics: 3.3V–LVPECL Input
Parameter
Description
Conditions
Min.
Typ.
Max.
Unit
VID
Differential Input Voltage p-p
Guaranteed Logic High Level
400
2600
mV
VIH
Input High Voltage
Guaranteed Logic High Level
2.15
2.4
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
1.5
1.8
V
IIH
Input High Current
VDD = Max.
VIN = VDD
±10
±20
µA
IIL
Input Low Current
VDD = Max.
VIN = VSS
±10
±20
µA
II
Input High Current
VDD = Max., VIN = VDD(Max.)
±20
µA
VCM
Common-mode Voltage
225
mV
Table 6. DC Electrical Characteristics: 3.3V–LVTTL/LVCMOS Input
Parameter
Description
Conditions
Min.
Typ.
Max.
Units
VIH
Input High Voltage
Guaranteed Logic High Level
2
V
VIL
Input Low Voltage
Guaranteed Logic Low Level
0.8
V
IIH
Input High Current
VDD = Max
VIN = 2.7V
1
µA
IIL
Input Low Current
VDD = Max
VIN = 0.5V
–1
µA
II
Input High Current
VDD = Max., VIN = VDD(Max)
20
µA
VIK
Clamp Diode Voltage
VDD = Min., IIN = –18mA
–0.7
–1.2
V
VH
Input Hysteresis
80
mV



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com