Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3006TPI Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH3006TPI
Description  Tandem 600V HYPERFAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3006TPI Datasheet(HTML) 4 Page - STMicroelectronics

  STTH3006TPI Datasheet HTML 1Page - STMicroelectronics STTH3006TPI Datasheet HTML 2Page - STMicroelectronics STTH3006TPI Datasheet HTML 3Page - STMicroelectronics STTH3006TPI Datasheet HTML 4Page - STMicroelectronics STTH3006TPI Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STTH3006TPI
4/5
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
2.25
2.50
2.75
3.00
25
50
75
100
125
T (°C)
j
I=I
Reference: T =125°C
F
F(AV)
j
V =400V
R
IRM
S
Fig. 8: Relative variation of dynamic parameters
versus junction temperature (reference: Tj = 125°C).
V(V)
FP
0
2
4
6
8
10
12
14
0
50
100
150
200
250
300
350
400
450
500
I=I
T =125°C
F
F(AV)
j
dI /dt(A/µs)
F
Fig. 9: Transient peak forward voltage versus
dIF/dt (90% confidence).
t (ns)
fr
0
100
200
300
400
500
600
700
800
0
100
200
300
400
500
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V
=1.1 x V max.
FR
F
Fig. 10: Forward recovery time versus dIF/dt (90%
confidence).
S
0.20
0.25
0.30
0.35
0.40
0
50
100
150
200
250
300
350
400
450
500
dI /dt(A/µs)
F
I=I
T =125°C
F
F(AV)
j
V =400V
R
Fig. 7: Reverse recovery softness factor versus
dIF/dt (typical values).
C(pF)
10
100
1000
1
10
100
1000
F=1MHz
V
=30mV
T =25°C
OSC
RMS
j
V (V)
R
Fig. 11: Junction capacitance versus reverse
voltage applied (typical values).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com