Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STTH3006TPI Datasheet(PDF) 1 Page - STMicroelectronics

Part # STTH3006TPI
Description  Tandem 600V HYPERFAST RECTIFIER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH3006TPI Datasheet(HTML) 1 Page - STMicroelectronics

  STTH3006TPI Datasheet HTML 1Page - STMicroelectronics STTH3006TPI Datasheet HTML 2Page - STMicroelectronics STTH3006TPI Datasheet HTML 3Page - STMicroelectronics STTH3006TPI Datasheet HTML 4Page - STMicroelectronics STTH3006TPI Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1/5
STTH3006TPI
June 2003 - Ed: 1A
Tandem 600V HYPERFAST RECTIFIER
®
The
TURBOSWITCH
“H”
is
an
ultra
high
performance diode composed of two 300V dice in
series. TURBOSWITCH “H” family drastically cuts
losses in the associated MOSFET when run at
high dIF/dt.
DESCRIPTION
■
ESPECIALLY SUITED AS BOOST DIODE IN
CONTINUOUS
MODE
POWER
FACTOR
CORRECTORS
AND
HARD
SWITCHING
CONDITIONS
■
DESIGNED FOR HIGH dIF/dt OPERATION.
HYPERFAST
RECOVERY
CURRENT
TO
COMPETE WITH SiC DEVICES. ALLOWS
DOWNSIZING OF MOSFET AND HEATSINKS
■
INTERNAL CERAMIC INSULATED DEVICES
WITH EQUAL THERMAL CONDITIONS FOR
BOTH 300V DIODES
■
INSULATION
(2500VRMS)
ALLOWS
PLACEMENT
ON
SAME
HEATSINK
AS
MOSFET
FLEXIBLE
HEATSINKING
ON
COMMON OR SEPARATE HEATSINK.
■
MATCHED
DIODES
FOR
TYPICAL
PFC
APPLICATION
WITHOUT
NEED
FOR
VOLTAGE BALANCE NETWORK
■
Package Capacitance: C=16pF
FEATURES AND BENEFITS
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
600
V
IF(RMS)
RMS forward current
32
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
180
A
Tstg
Storage temperature range
-65 +150
°C
Tj
Maximum operating junction temperature
+ 150
°C
ABSOLUTE RATINGS (limiting values, for both diodes)
IF(AV)
30 A
VRRM
600 V (in series)
Tj (max)
150 °C
VF (max)
2.6 V
IRM (typ.)
6.7 A
MAJOR PRODUCTS CHARACTERISTICS
1
2
3
12
3
TOP-3
(Insulated)
TM: TURBOSWITCH is a trademark of STMicroelectronics


Similar Part No. - STTH3006TPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH3006 STMICROELECTRONICS-STTH3006 Datasheet
127Kb / 8P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH3006D STMICROELECTRONICS-STTH3006D Datasheet
127Kb / 8P
Turbo 2 ultrafast high voltage rectifier
10-Aug-2006
STTH3006D STMICROELECTRONICS-STTH3006D Datasheet
74Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
74Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
More results

Similar Description - STTH3006TPI

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH1506TPI STMICROELECTRONICS-STTH1506TPI Datasheet
71Kb / 5P
Tandem 600V Hyperfast Rectifer
May-2002
STTH1506DPI STMICROELECTRONICS-STTH1506DPI Datasheet
72Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
October 2003 - Ed: 2A
STTH506TTI STMICROELECTRONICS-STTH506TTI Datasheet
58Kb / 5P
Tandem 600V HYPERFAST RECTIFIER
Jun-2003
STTH3006DPI STMICROELECTRONICS-STTH3006DPI Datasheet
68Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH506DTI STMICROELECTRONICS-STTH506DTI Datasheet
50Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI Datasheet
42Kb / 5P
Tandem 600V HYPERFAST BOOST DIODE
Oct-2003
STTH806DTI STMICROELECTRONICS-STTH806DTI_05 Datasheet
68Kb / 6P
Tandem 600V HYPERFAST BOOST DIODE
29-Jun-2005
logo
Fairchild Semiconductor
RHRG1560_F085 FAIRCHILD-RHRG1560_F085 Datasheet
399Kb / 6P
15A, 600V Hyperfast Rectifier
logo
Diodes Incorporated
DSR8F600 DIODES-DSR8F600 Datasheet
548Kb / 6P
600V 8A HYPERFAST RECTIFIER
Rev 4
DSR8F600P DIODES-DSR8F600P Datasheet
830Kb / 5P
600V 8A HYPERFAST RECTIFIER
March 2022 Rev. 9 - 3
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com