Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP1620 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # MP1620
Description  isc Silicon PNP Darlington Power Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

MP1620 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  MP1620 Datasheet HTML 1Page - Inchange Semiconductor Company Limited MP1620 Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
INCHANGE Semiconductor
1
isc website:www.iscsemi.com
isc & iscsemi is registered trademark
isc Silicon PNP Darlington Power Transistor
MP1620
DESCRIPTION
·
With TO-3PN packaging
·
Very high DC current gain
·
Monolithic darlington transistor with integrated
antiparallel collector-emitter diode
·
Complement to type MJH6284
·
Minimum Lot-to-Lot variations for robust device
performance and reliable operation
APPLICATIONS
·
AC-DC motor control
·
Electronic ignition
·
Alternator regulator
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VCBO
Collector-Base Voltage
-160
V
VCEO
Collector-Emitter Voltage
-150
V
VEBO
Emitter-Base Voltage
-5
V
IC
Collector Current-Continuous
-10
A
IB
Base Current
-1
A
PC
Collector Power Dissipation
150
W
Tj
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-55~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
0.78
℃
/W
Rth j-a
Thermal Resistance,Junction to Ambient
62.5
℃
/W


Similar Part No. - MP1620

ManufacturerPart #DatasheetDescription
logo
Sanken electric
MP1620 SANKEN-MP1620 Datasheet
212Kb / 7P
specifications
logo
M-System Co.,Ltd.
MP1620-A1-FH MSYSTEM-MP1620-A1-FH Datasheet
87Kb / 4P
AC INPUT LIMIT ALARM
MP1620-A1-FR MSYSTEM-MP1620-A1-FR Datasheet
87Kb / 4P
AC INPUT LIMIT ALARM
MP1620-A1-FT MSYSTEM-MP1620-A1-FT Datasheet
87Kb / 4P
AC INPUT LIMIT ALARM
MP1620-A1-FV MSYSTEM-MP1620-A1-FV Datasheet
87Kb / 4P
AC INPUT LIMIT ALARM
More results

Similar Description - MP1620

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MJ11015 ISC-MJ11015 Datasheet
53Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB673 ISC-2SB673 Datasheet
106Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1079 ISC-2SB1079 Datasheet
103Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1340 ISC-2SB1340 Datasheet
100Kb / 2P
isc Silicon PNP Darlington Power Transistor
2N6666 ISC-2N6666 Datasheet
112Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB727 ISC-2SB727 Datasheet
259Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB884 ISC-2SB884 Datasheet
248Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1383 ISC-2SB1383 Datasheet
244Kb / 2P
isc Silicon PNP Darlington Power Transistor
2SB1495 ISC-2SB1495 Datasheet
241Kb / 2P
isc Silicon PNP Darlington Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com